công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB-2-RTMI bảng dữ liệu(PDF) 37 Page - TRINAMIC Motion Control GmbH & Co. KG.

tên linh kiện USB-2-RTMI
Giải thích chi tiết về linh kiện  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Trang chủ  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI bảng dữ liệu(HTML) 37 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 33Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 34Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 35Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
37 / 157
Figure 18: Encoder ABN Timing - high precise N pulse and less precise N pulse
4.7.3 Secondary Incremental ABN Encoder
For commutating a motor with FOC, the user selects a position sensor source (digital incremental encoder,
digital Hall, analog Hall, analog incremental encoder, . . . ) that is mounted close to the motor. The inner
FOC loop controls torque and
ux of the motor based on the measured phase currents and the electrical
angle of the rotor.
The TMC4671 is equipped with a secondary incremental encoder interface. This secondary encoder
interface is available as source for velocity control or position control. This is for applications where a
motor with a gearing positions an object.
Info
The secondary incremental encoder is not available for commutation (phi_e) for
the inner FOC. In others words, there is no electrical angle phi_e selectable from
the secondary encoder.
4.7.4 Digital Hall Sensor Interface with optional Interim Position Interpolation
The digital Hall interface is the position sensor interface for digital Hall signals. The digital Hall signal
interface
rst maps the digital Hall signals to an electrical position PHI_E_RAW. An offset PHI_E_OFFSET can
be used to rotate the orientation of the Hall signal angle. The electrical angle PHI_E is for commutation.
Optionally, the default electrical positions of the Hall sensors can be adjusted by writes into the associated
registers.
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com