công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB-2-RTMI bảng dữ liệu(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

tên linh kiện USB-2-RTMI
Giải thích chi tiết về linh kiện  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Trang chủ  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI bảng dữ liệu(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
6 / 157
2 Functional Summary
•
Servo Controller with Field Oriented Control (FOC)
– Torque (and ux) control mode
– Velocity control mode
– Position control mode
– update rate of current controller and PWM at maximum frequency of 100 kHz (speed and
position controller update rate is con gurable by setting a divider of current controller update
rate)
•
Control Functions/PI Controllers
– Programmable clipping of inputs and outputs of interim results
– Integrator windup protection for all controllers
– Programmable eld oriented voltage circular ( U
2
D + U
2
Q
) limiter
– Feed-forward offsets for target values and feed-forward friction compensation
– Advanced feed-forward control structure for optimal trajectory tracking performance
– Extended IRQ event masking options and limiter status register
– Advanced encoder initialization algorithms with Hall sensor or/and with minimal movement
•
Supported Motor Types
– FOC3 : 3-phase permanent magnet synchronous motors (PMSM)
– FOC2 : 2-phase stepper motors
– DC1 : brushed DC motors, or linear voice coil motors
•
ADC Engine with Offset Correction and Scaling
– Integrated ∆Σ ADCs for current sense voltage, motor supply voltage, analog encoder, two AGPIs
– Integrated ∆Σ-Interface for external ∆Σ-Modulators
•
Position Feedback Evaluation
– Open loop position generator (programmable [rpm], [rpm/s]) for initial setup
– Digital incremental encoder (ABN resp. ABZ, up to 5 MHz)
– Secondary digital incremental encoder
– Digital Hall sensor interface (H1, H2, H3 resp. HU , HV , HW ) with interpolation of interim positions
– Analog encoder/analog Hall sensor interface (SinCos (0°, 90°) or 0°, 120°, 240°)
– multi-turn position counter (32-bit)
– Position target, velocity and target torque lters (Biquad)
•
PWM Engine Including SVPWM
– Programmable PWM frequency within the range of 20 kHz . . . 100 kHz
– Programmable Brake-Before-Make (BBM) times (high side, low side) 0 ns . . . 2.5 µs in 10 ns steps
and gate driver input signals
– PWM auto scaling for transparent change of PWM frequency during motion
•
SPI Communication Interface
– 40-bit datagram length (1 ReadWrite bit + 7 address bits + 32 data bits)
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com