công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91460C bảng dữ liệu(PDF) 27 Page - Cypress Semiconductor

tên linh kiện MB91460C
Giải thích chi tiết về linh kiện  FR60 32-bit Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91460C bảng dữ liệu(HTML) 27 Page - Cypress Semiconductor

Back Button MB91460C Datasheet HTML 23Page - Cypress Semiconductor MB91460C Datasheet HTML 24Page - Cypress Semiconductor MB91460C Datasheet HTML 25Page - Cypress Semiconductor MB91460C Datasheet HTML 26Page - Cypress Semiconductor MB91460C Datasheet HTML 27Page - Cypress Semiconductor MB91460C Datasheet HTML 28Page - Cypress Semiconductor MB91460C Datasheet HTML 29Page - Cypress Semiconductor MB91460C Datasheet HTML 30Page - Cypress Semiconductor MB91460C Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
Document Number: 002-04609 Rev. *A
Page 27 of 106
MB91460C Series
8.4.3 CCR (Condition Code Register)
SV : Supervisor flag
S
: Stack flag
I
: Interrupt enable flag
N : Negative enable flag
Z
: Zero flag
V
: Overflow flag
C : Carry flag
8.4.4 SCR (System Condition Register)
Flag for step division (D1, D0)
This flag stores interim data during execution of step division.
Step trace trap flag (T)
This flag indicates whether the step trace trap is enabled or disabled.
The step trace trap function is used by emulators. When an emulator is in use, it cannot be used in execution of user programs.
8.4.5 ILM (Interrupt Level Mask register)
This register stores interrupt level mask values, and the values stored in ILM4 to ILM0 are used for level masking.
The register is initialized to value “01111B” at reset.
8.4.6 PC (Program Counter)
The program counter indicates the address of the instruction that is being executed.
The initial value at reset is undefined.
- 000XXXXB
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
C
V
Z
N
I
S
SV
Initial value
bit 10
bit 8
bit 9
D1
D0
T
XX0B
Initial value
bit 18
bit 16
bit 17
ILM2 ILM1 ILM0
01111B
ILM3
ILM4
bit 20 bit 19
Initial value
bit 0
bit 31
XXXXXXXXH
Initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com