công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91460C bảng dữ liệu(PDF) 38 Page - Cypress Semiconductor

tên linh kiện MB91460C
Giải thích chi tiết về linh kiện  FR60 32-bit Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91460C bảng dữ liệu(HTML) 38 Page - Cypress Semiconductor

Back Button MB91460C Datasheet HTML 34Page - Cypress Semiconductor MB91460C Datasheet HTML 35Page - Cypress Semiconductor MB91460C Datasheet HTML 36Page - Cypress Semiconductor MB91460C Datasheet HTML 37Page - Cypress Semiconductor MB91460C Datasheet HTML 38Page - Cypress Semiconductor MB91460C Datasheet HTML 39Page - Cypress Semiconductor MB91460C Datasheet HTML 40Page - Cypress Semiconductor MB91460C Datasheet HTML 41Page - Cypress Semiconductor MB91460C Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
Document Number: 002-04609 Rev. *A
Page 38 of 106
MB91460C Series
9.5 Power on Sequence in parallel programming mode
The flash memory can be accessed in programming mode after a certain wait time, which is needed for Security Vector fetch:
Minimum wait time after VDD5/VDD5R power on: 2.76 ms
Minimum wait time after INITX rising:
1.0 ms
9.6 Flash Security
9.6.1 Vector addresses
Two Flash Security Vectors (FSV1, FSV2) are located parallel to the Boot Security Vectors (BSV1, BSV2) controlling the protection
functions of the Flash Security Module:
FSV1: 0x14:8000
BSV1: 0x14:8004
FSV2: 0x14:8008
BSV2: 0x14:800C
9.6.2 Security Vector FSV1
The setting of the Flash Security Vector FSV1 is responsible for the read and write protection modes and the individual write protection
of the 8 Kbytes sectors.
FSV1 (bit31 to bit16)
The setting of the Flash Security Vector FSV1 bits [31:16] is responsible for the read and write protection modes.
Explanation of the bits in the Flash Security Vector FSV1[31:16]
FSV1[31:19]
FSV1[18]
Write Protection
Level
FSV1[17]
Write Protection
FSV1[16]
Read Protection
Flash Security Mode
set all to ‘0’
set to ‘0’
set to ‘0’
set to ‘1’
Read Protection (all device modes, except IN-
TVEC mode MD[2:0]=”000”)
set all to ‘0’
set to ‘0’
set to ‘1’
set to ‘0’
Write Protection (all device modes, without ex-
ception)
set all to ‘0’
set to ‘0’
set to ‘1’
set to ‘1’
Read Protection (all device modes, except IN-
TVEC mode MD[2:0]=”000”) and Write Protec-
tion (all device modes)
set all to ‘0’
set to ‘1’
set to ‘0’
set to ‘1’
Read Protection (all device modes, except IN-
TVEC mode MD[2:0]=”000”)
set all to ‘0’
set to ‘1’
set to ‘1’
set to ‘0’
Write Protection (all device modes, except IN-
TVEC mode MD[2:0]=”000”)
set all to ‘0’
set to ‘1’
set to ‘1’
set to ‘1’
Read Protection (all device modes, except IN-
TVEC mode MD[2:0]=”000”) and Write Protec-
tion (all device modes except INTVEC mode
MD[2:0]=”000”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com