công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91460C bảng dữ liệu(PDF) 93 Page - Cypress Semiconductor

tên linh kiện MB91460C
Giải thích chi tiết về linh kiện  FR60 32-bit Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91460C bảng dữ liệu(HTML) 93 Page - Cypress Semiconductor

Back Button MB91460C Datasheet HTML 89Page - Cypress Semiconductor MB91460C Datasheet HTML 90Page - Cypress Semiconductor MB91460C Datasheet HTML 91Page - Cypress Semiconductor MB91460C Datasheet HTML 92Page - Cypress Semiconductor MB91460C Datasheet HTML 93Page - Cypress Semiconductor MB91460C Datasheet HTML 94Page - Cypress Semiconductor MB91460C Datasheet HTML 95Page - Cypress Semiconductor MB91460C Datasheet HTML 96Page - Cypress Semiconductor MB91460C Datasheet HTML 97Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
Document Number: 002-04609 Rev. *A
Page 93 of 106
MB91460C Series
15.6 FLASH memory program/erase characteristics
15.6.1 MB91F463CA, MB91F465CA
(TA = 25oC, Vcc = 5.0V)
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation to convert high
temperature measurements into normalized value at 85oC)
15.6.2 MB91F467Cx
(TA = 25oC, Vcc = 5.0V)
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation to convert high
temperature measurements into normalized value at 85oC)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.9
3.6
s
Erasure programming time not included
Chip erase time
-
n*0.9
n*3.6
s
n is the number of Flash sector of the device
Word (16-bit width) programming
time
-23
370
μs
System overhead time not included
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
*1
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.5
2.0
s
Erasure programming time not included
Chip erase time
-
n*0.5
n*2.0
s
n is the number of Flash sector of the device
Word (16-bit or 32-bit width) pro-
gramming time
-
6
100
μs
System overhead time not included
Programme/Erase cycle
10 000
cycle
Flash data retention time
20
year
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com