công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91460C bảng dữ liệu(PDF) 40 Page - Cypress Semiconductor

tên linh kiện MB91460C
Giải thích chi tiết về linh kiện  FR60 32-bit Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91460C bảng dữ liệu(HTML) 40 Page - Cypress Semiconductor

Back Button MB91460C Datasheet HTML 36Page - Cypress Semiconductor MB91460C Datasheet HTML 37Page - Cypress Semiconductor MB91460C Datasheet HTML 38Page - Cypress Semiconductor MB91460C Datasheet HTML 39Page - Cypress Semiconductor MB91460C Datasheet HTML 40Page - Cypress Semiconductor MB91460C Datasheet HTML 41Page - Cypress Semiconductor MB91460C Datasheet HTML 42Page - Cypress Semiconductor MB91460C Datasheet HTML 43Page - Cypress Semiconductor MB91460C Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
Document Number: 002-04609 Rev. *A
Page 40 of 106
MB91460C Series
9.6.3 Security Vector FSV2
The setting of the Flash Security Vector FSV2 bits [31:0] is responsible for the individual write protection of the 64 KByte sectors. It is
only evaluated if write protection bit FSV1[17] is set.
Explanation of the bits in the Flash Security Vector FSV2[31:0]
Note : See section “9.3. Flash access in CPU mode” for an overview about the sector organisation of the Flash Memory.
FSV2 bit
Sector
Enable Write
Protection
Disable Write
Protection
Comment
FSV2[0]
SA8
set to “0”
set to “1”
Sectors available on MB91F467Cx
only
FSV2[1]
SA9
set to “0”
set to “1”
FSV2[2]
SA10
set to “0”
set to “1”
FSV2[3]
SA11
set to “0”
set to “1”
FSV2[4]
SA12
set to “0”
set to “1”
Sectors available on MB91F467Cx
and MB91F465CA
FSV2[5]
SA13
set to “0”
set to “1”
FSV2[6]
SA14
set to “0”
set to “1”
FSV2[7]
SA15
set to “0”
set to “1”
FSV2[8]
SA16
set to “0”
set to “1”
Sectors available on MB91F467Cx,
MB91F465CA, MB91F463CA
FSV2[9]
SA17
set to “0”
set to “1”
FSV2[10]
SA18
set to “0”
set to “1”
FSV2[11]
SA19
set to “0”
set to “1”
FSV2[12]
SA20
set to “0”
set to “1”
Sectors available on MB91F467Cx
only
FSV2[13]
SA21
set to “0”
set to “1”
FSV2[14]
SA22
set to “0”
set to “1”
FSV2[15]
SA23
set to “0”
set to “1”
FSV2[31:16]
set to “0”
set to “1”
Sectors not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com