công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91460C bảng dữ liệu(PDF) 73 Page - Cypress Semiconductor

tên linh kiện MB91460C
Giải thích chi tiết về linh kiện  FR60 32-bit Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91460C bảng dữ liệu(HTML) 73 Page - Cypress Semiconductor

Back Button MB91460C Datasheet HTML 69Page - Cypress Semiconductor MB91460C Datasheet HTML 70Page - Cypress Semiconductor MB91460C Datasheet HTML 71Page - Cypress Semiconductor MB91460C Datasheet HTML 72Page - Cypress Semiconductor MB91460C Datasheet HTML 73Page - Cypress Semiconductor MB91460C Datasheet HTML 74Page - Cypress Semiconductor MB91460C Datasheet HTML 75Page - Cypress Semiconductor MB91460C Datasheet HTML 76Page - Cypress Semiconductor MB91460C Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
Document Number: 002-04609 Rev. *A
Page 73 of 106
MB91460C Series
Notes:
*1: The Interrupt Control Registers (ICRs) are located in the interrupt controller and set the interrupt level for each interrupt request.
An ICR is provided for each interrupt request.
*2:The vector address for each EIT (exception, interrupt or trap) is calculated by adding the listed offset to the table base register value
(TBR). The TBR specifies the top of the EIT vector table. The addresses listed in the table are for the default TBR value
(0x000FFC00). The TBR is initialized to this value by a reset. After execution of the internal boot ROM TBR is set to 0x000FFC00.
*3: Used by REALOS
*4: ICR23 and ICR47 can be exchanged by setting the REALOS compatibility bit (addr 0x0C03 : IOS[0])
*5: System reserved
*6: Memory Protection Unit (MPU) support
Low Voltage Detection
138
8A
ICR61
0x47D
0x1D4
0x000FFDD4
Reserved
139
8B
0x1D0
0x000FFDD0
Timebase Overflow
140
8C
ICR62
0x47E
0x1CC
0x000FFDCC
PLL Clock Gear
141
8D
0x1C8
0x000FFDC8
DMA Controller
142
8E
ICR63
0x47F
0x1C4
0x000FFDC4
Main/Sub OSC stability wait
143
8F
0x1C0
0x000FFDC0
Security vector
144
90
-
-
0x1BC
0x000FFDBC
Used by the INT
instruction.
145
to
255
91
to
FF
--
0x1B8 to
0x000
0x000FFDB8
to
0x000FFC00
Interrupt
Interrupt
number
Interrupt level *1
Interrupt vector *2
DMA
Resource
number
Decimal
Hexa-
decimal
Setting
Register
Register
address
Offset
Default Vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com