công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91460C bảng dữ liệu(PDF) 20 Page - Cypress Semiconductor

tên linh kiện MB91460C
Giải thích chi tiết về linh kiện  FR60 32-bit Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91460C bảng dữ liệu(HTML) 20 Page - Cypress Semiconductor

Back Button MB91460C Datasheet HTML 16Page - Cypress Semiconductor MB91460C Datasheet HTML 17Page - Cypress Semiconductor MB91460C Datasheet HTML 18Page - Cypress Semiconductor MB91460C Datasheet HTML 19Page - Cypress Semiconductor MB91460C Datasheet HTML 20Page - Cypress Semiconductor MB91460C Datasheet HTML 21Page - Cypress Semiconductor MB91460C Datasheet HTML 22Page - Cypress Semiconductor MB91460C Datasheet HTML 23Page - Cypress Semiconductor MB91460C Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 106 page
background image
Document Number: 002-04609 Rev. *A
Page 20 of 106
MB91460C Series
5. Handling Devices
5.1 Preventing Latch-up
Latch-up may occur in a CMOS IC if a voltage higher than (VDD5, VDD35 or HVDD5 *1) or less than (VSS5 or HVSS5 *1) is applied to
an input or output pin or if a voltage exceeding the rating is applied between the power supply pins and ground pins. If latch-up occurs,
the power supply current increases rapidly, sometimes resulting in thermal breakdown of the device. Therefore, be very careful not
to apply voltages in excess of the absolute maximum ratings.
Note *1: HVDD5, HVSS5 are available only on devices having Stepper Motor Controller.
5.2 Handling of unused input pins
If unused input pins are left open, abnormal operation may result. Any unused input pins should be connected to pull-up or pull-down
resistor (2KΩ to 10KΩ) or enable internal pullup or pulldown resisters (PPER/PPCR) before the input enable (PORTEN) is activated
by software. The mode pins MD_x can be connected to VSS5 or VDD5 directly. Unused ALARM input pins can be connected to AVSS5
directly.
5.3 Power supply pins
In MB91460 series, devices including multiple power supply pins and ground pins are designed as follows; pins necessary to be at
the same potential are interconnected internally to prevent malfunctions such as latch-up. All of the power supply pins and ground
pins must be externally connected to the power supply and ground respectively in order to reduce unnecessary radiation, to prevent
strobe signal malfunctions due to the ground level rising and to follow the total output current ratings. Furthermore, the power supply
pins and ground pins of the MB91460 series must be connected to the current supply source via a low impedance.
It is also recommended to connect a ceramic capacitor of approximately 0.1
F as a bypass capacitor between power supply pin and
ground pin near this device.
This series has a built-in step-down regulator. Connect a bypass capacitor of 4.7
F (use a X7R ceramic capacitor) to VCC18C pin
for the regulator.
5.4 Crystal oscillator circuit
Noise in proximity to the X0 (X0A) and X1 (X1A) pins can cause the device to operate abnormally. Printed circuit boards should be
designed so that the X0 (X0A) and X1 (X1A) pins, and crystal oscillator, as well as bypass capacitors connected to ground, are located
near the device and ground.
It is recommended that the printed circuit board layout be designed such that the X0 and X1 pins or X0A and X1A pins are surrounded
by ground plane for the stable operation.
Please request the oscillator manufacturer to evaluate the oscillational characteristics of the crystal and this device.
5.5 Notes on using external clock
When using the external clock, it is necessary to simultaneously supply the X0 (X0A) and the X1 (X1A) pins. In the described
combination, X1 (X1A) should be supplied with a clock signal which has the opposite phase to the X0 (X0A) pins. At X0 and X1, a
frequency up to 16 MHz is possible.
Example of using opposite phase supply
(Continued)
X0 (X0A)
X1 (X1A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com