công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT67F5652 bảng dữ liệu(PDF) 160 Page - Holtek Semiconductor Inc

tên linh kiện HT67F5652
Giải thích chi tiết về linh kiện  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 bảng dữ liệu(HTML) 160 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 159Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 160Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 161Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 162Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 163Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 164Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 224 page
background image
Rev. 1.00
1�0
De�e��e� 0�� �01�
Rev. 1.00
1�1
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Baud Rate Generator
Tosetupthespeedoftheserialdatacommunication,theUARTfunctioncontainsitsowndedicated
baudrategenerator.Thebaudrateiscontrolledbyitsowninternalfreerunning8-bittimer,the
periodofwhichisdeterminedbytwofactors.Thefirstoftheseisthevalueplacedinthebaudrate
registerBRGandthesecondisthevalueoftheBRGHbitwiththecontrolregisterUCR2.The
BRGHbitdecidesifthebaudrategeneratoristobeusedinahighspeedmodeorlowspeedmode,
whichinturndeterminestheformulathatisusedtocalculatethebaudrate.ThevalueNintheBRG
registerwhichisusedinthefollowingbaudratecalculationformuladeterminesthedivisionfactor.
NotethatNisthedecimalvalueplacedintheBRGregisterandhasarangeofbetween0and255.
UCR2 BRGH Bit
0
1
Baud Rate (BR)
fSYS / [�4 (N+1)]
fSYS / [1� (N+1)]
ByprogrammingtheBRGHbitwhichallowsselectionoftherelatedformulaandprogrammingthe
requiredvalueintheBRGregister,therequiredbaudratecanbesetup.Notethatbecausetheactual
baudrateisdeterminedusingadiscretevalue,N,placedintheBRGregister,therewillbeanerror
associatedbetweentheactualandrequestedvalue.ThefollowingexampleshowshowtheBRG
registervalueNandtheerrorvaluecanbecalculated.
Calculating the Register and Error Values
Foraclockfrequencyof4MHz,andwithBRGHclearedtozerodeterminetheBRGregistervalueN,
theactualbaudrateandtheerrorvalueforadesiredbaudrateof4800.
FromtheabovetablethedesiredbaudrateBR=fSYS/[64(N+1)]
Re-arrangingthisequationgivesN=[fSYS/(BR×64)]-1
GivingavalueforN=[4000000/(4800×64)]-1=12.0208
Toobtaintheclosestvalue,adecimalvalueof12shouldbeplacedintotheBRGregister.Thisgives
anactualorcalculatedbaudratevalueofBR=4000000/[64×(12+1)]=4808
Thereforetheerrorisequalto(4808-4800)/4800=0.16%
ThefollowingtablesshowactualvaluesofbaudrateanderrorvaluesforthetwovaluesofBRGH.
Baud
Rate
K/BPS
Baud Rates for BRGH=0
fSYS=4MHz
fSYS=3.579545MHz
fSYS=7.159MHz
BRG
Kbaud Error (%) BRG
Kbaud Error (%) BRG Kbaud Error (%)
0.3
�0�
0.300
0.1�
185
0.300
0.00
—
—
—
1.�
51
1.�0�
0.1�
4�
1.190
-0.83
9�
1.�03
0.�3
�.4
�5
�.404
0.1�
��
�.43�
1.3�
4�
�.380
-0.83
4.8
1�
4.808
0.1�
11
4.��1
-�.90
��
4.8�3
1.3�
9.�
�
8.9�9
-�.99
5
9.3�1
-�.90
11
9.33�
-�.90
19.�
�
�0.833
8.51
�
18.�43
-�.90
5
18.�43
-�.90
38.4
—
—
—
—
—
—
�
3�.�8�
-�.90
5�.�
0
��.500
8.51
0
55.930
-�.90
1
55.930
-�.90
115.�
—
—
—
—
—
—
0
111.859
-�.90
Baud Rates and Error Values for BRGH = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com