công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT67F5652 bảng dữ liệu(PDF) 68 Page - Holtek Semiconductor Inc

tên linh kiện HT67F5652
Giải thích chi tiết về linh kiện  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 bảng dữ liệu(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 224 page
background image
Rev. 1.00
�8
De�e��e� 0�� �01�
Rev. 1.00
�9
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
Watchdog Time-out Reset during Normal Operation
TheWatchdogtime-outResetduringnormaloperationisthesameasLVRresetexceptthatthe
Watchdogtime-outflagTOwillbesethigh.
WDT Ti�e-out
Inte�nal Reset
tRSTD + tSST
WDT Time-out Reset during Normal Operation Timing Chart
Watchdog Time-out Reset during SLEEP or IDLE Mode
TheWatchdogtime-outResetduringSLEEPorIDLEModeisalittledifferentfromotherkinds
ofreset.MostoftheconditionsremainunchangedexceptthattheProgramCounterandtheStack
PointerwillbeclearedtozeroandtheTOflagwillbesethigh.RefertotheA.C.Characteristicsfor
tSSTdetails.
WDT Ti�e-out
Inte�nal Reset
tSST
WDT Time-out Reset during Sleep or IDLE Timing Chart
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
Reset Conditions
0
0
Powe�-on �eset
u
u
LVR �eset du�ing No��al o� SLOW Mode ope�ation
1
u
WDT ti�e-out �eset du�ing No��al o� SLOW Mode ope�ation
1
1
WDT ti�e-out �eset du�ing IDLE o� SLEEP Mode ope�ation
Note:"u"standsforunchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition after Reset
P�og�a� Counte�
Reset to ze�o
Inte��upts
All inte��upts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins �ounting
Ti�e� Modules
Ti�e� Modules will �e tu�ned off
Input/Output Po�ts
I/O po�ts will �e setup as inputs� and AN0~AN� as A/D input pin.
Sta�k Pointe�
Sta�k Pointe� will point to the top of the sta�k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com