công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT67F5652 bảng dữ liệu(PDF) 53 Page - Holtek Semiconductor Inc

tên linh kiện HT67F5652
Giải thích chi tiết về linh kiện  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 bảng dữ liệu(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
Rev. 1.00
5�
De�e��e� 0�� �01�
Rev. 1.00
53
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
System Operation Modes
Therearesixdifferentmodesofoperationforthemicrocontroller,eachonewithitsown
specialcharacteristicsandwhichcanbechosenaccordingtothespecificperformanceand
powerrequirementsoftheapplication.Therearetwomodesallowingnormaloperationofthe
microcontroller,theNORMALModeandSLOWMode.Theremainingfourmodes,theSLEEP0,
SLEEP1,IDLE0andIDLE1ModeareusedwhenthemicrocontrollerCPUisswitchedoffto
conservepower.
Operating Mode
Description
CPU
fSYS
fSUB
fS
NORMAL Mode
on
fH~fH/�4
on
on
SLOW Mode
on
fSUB
on
on
IDLE0 Mode
off
off
on
on/off
IDLE1 Mode
off
on
on
on
SLEEP0 Mode
off
off
off
off
SLEEP1 Mode
off
off
on
on
NORMAL Mode
Asthenamesuggeststhisisoneofthemainoperatingmodeswherethemicrocontrollerhasallof
itsfunctionsoperationalandwherethesystemclockisprovidedbyoneofthehighspeedoscillators.
Thismodeoperatesallowingthemicrocontrollertooperatenormallywithaclocksourcewillcome
fromoneofthehighspeedoscillators,eithertheHXTorHIRCoscillators.Thehighspeedoscillator
willhoweverfirstbedividedbyaratiorangingfrom1to64,theactualratiobeingselectedbythe
CKS2~CKS0andHLCLKbitsintheSMODregister.Althoughahighspeedoscillatorisused,
runningthemicrocontrolleratadividedclockratioreducestheoperatingcurrent.
SLOW Mode
Thisisalsoamodewherethemicrocontrolleroperatesnormallyalthoughnowwithaslowerspeed
clocksource.Theclocksourceusedwillbefromoneofthelowspeedoscillators,eithertheLXT
ortheLIRC.Runningthemicrocontrollerinthismodeallowsittorunwithmuchloweroperating
currents.IntheSLOWMode,thefHisoff.
SLEEP0 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMODregisterislow.IntheSLEEP0modetheCPUwillbestopped,andthefSUBandfSclocks
willbestoppedtoo,andtheWatchdogTimerfunctionisdisabled.Inthismode,theLVDENis
mustclearedtozero.IftheLVDENissethigh,itwon'tentertheSLEEP0Mode.Inthismode,the
ENLCDismustclearedtozero.IftheENLCDissethigh,itwon'tentertheSLEEP0Mode.
SLEEP1 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitin
theSMODregisterislow.IntheSLEEP1modetheCPUwillbestopped.HoweverthefSUBandfS
clockswillcontinuetooperateiftheLVDENis"1"ortheENLCDis"1"ortheWatchdogTimer
functionisenabledandifitsclocksourceischosenviaconfigurationoptiontocomefromthefSUB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com