công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3108B bảng dữ liệu(PDF) 16 Page - Micronas

tên linh kiện VDP3108B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B bảng dữ liệu(HTML) 16 Page - Micronas

Back Button VDP3108B Datasheet HTML 12Page - Micronas VDP3108B Datasheet HTML 13Page - Micronas VDP3108B Datasheet HTML 14Page - Micronas VDP3108B Datasheet HTML 15Page - Micronas VDP3108B Datasheet HTML 16Page - Micronas VDP3108B Datasheet HTML 17Page - Micronas VDP3108B Datasheet HTML 18Page - Micronas VDP3108B Datasheet HTML 19Page - Micronas VDP3108B Datasheet HTML 20Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
16
Micronas
2.8.3. Dynamic Peaking
Especially with decoded composite signals and notch fil-
ter luminance separation, as input signals, it is neces-
sary to improve the luminance frequency characteris-
tics. With transparent, high-bandwidth signals, it is
sometimes desirable to soften the image.
In the VDP 31xxB, the luma response is improved by ‘dy-
namic’ peaking. The algorithm has been optimized re-
garding step and frequency response. It adapts to the
amplitude of the high frequency part. Small AC ampli-
tudes are processed, while large AC amplitudes stay
nearly unmodified.
The dynamic range can be adjusted from
*14 to
)14 dB for small high frequency signals. There is sepa-
rate adjustment for signal overshoot and for signal un-
dershoot. For large signals, the dynamic range is limited
by a non-linear function that does not create any visible
alias components. The peaking can be switched over to
“softening” by inverting the peaking term by software.
The center frequency of the peaking filter is switchable
from 2.5 MHz to 3.2 MHz. For S-VHS and for notch filter
color decoding, the total system frequency responses
for both PAL and NTSC are shown in figure 2–16.
Transients, produced by the dynamic peaking when
switching video source signals, can be suppressed via
the priority bus.
Fig. 2–15: Dynamic peaking frequency response
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
S-VHS
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 3.2 MHz
CF= 2.5 MHz
PAL/SECAM
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
dB
MHz
20
5
–5
–10
–15
–20
02
4
6
8
10
15
10
0
CF= 2.5 MHz
CF= 3.2 MHz
Fig. 2–16: Total frequency response for peaking filter and S-VHS, PAL, NTSC
NTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com