công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3108B bảng dữ liệu(PDF) 11 Page - Micronas

tên linh kiện VDP3108B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B bảng dữ liệu(HTML) 11 Page - Micronas

Back Button VDP3108B Datasheet HTML 7Page - Micronas VDP3108B Datasheet HTML 8Page - Micronas VDP3108B Datasheet HTML 9Page - Micronas VDP3108B Datasheet HTML 10Page - Micronas VDP3108B Datasheet HTML 11Page - Micronas VDP3108B Datasheet HTML 12Page - Micronas VDP3108B Datasheet HTML 13Page - Micronas VDP3108B Datasheet HTML 14Page - Micronas VDP3108B Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
11
Micronas
2.3.2. Demodulator
The entire signal (which might still contain luma) is now
quadrature-mixed to the baseband. The mixing frequen-
cy is equal to the subcarrier for PAL and NTSC, thus
achieving the chroma demodulation. For SECAM, the
mixing frequency is 4.286 MHz giving the quadrature
baseband components of the FM modulated chroma.
After the mixer, a lowpass filter selects the chroma com-
ponents; a downsampling stage converts the color dif-
ference signals to a multiplexed half rate data stream.
The subcarrier frequency in the demodulator is gener-
ated by direct digital synthesis; therefore, substandards
such as PAL 3.58 or NTSC 4.43 can also be demodu-
lated.
2.3.3. Chrominance Filter
The demodulation is followed by a lowpass filter for the
color difference signals for PAL/NTSC. SECAM requires
a modified lowpass function with bell-filter characteristic.
At the output of the lowpass filter, all luma information is
eliminated.
The lowpass filters are calculated in time multiplex for
the two color signals. Three bandwidth settings (narrow,
normal, broad) are available for each standard. For PAL/
NTSC, a wide band chroma filter can be selected. This
filter is intended for high bandwidth chroma signals, e.g.
a nonstandard wide bandwidth S-VHS signal.
Fig. 2–6: Frequency response of chroma filters
PAL/NTSC
SECAM
2.3.4. Frequency Demodulator
The frequency demodulator for demodulating the SE-
CAM signal is implemented as a CORDIC-structure. It
calculates the phase and magnitude of the quadrature
components by coordinate rotation.
The phase output of the CORDIC processor is differen-
tiated to obtain the demodulated frequency. After the
deemphasis filter, the Dr and Db signals are scaled to
standard CrCb amplitudes and fed to the crossover-
switch.
2.3.5. Burst Detection
In the PAL/NTSC-system the burst is the reference for
the color signal. The phase and magnitude outputs of
the CORDIC are gated with the color key and used for
controlling the phase-lock-loop (APC) of the demodula-
tor and the automatic color control (ACC) in PAL/NTSC.
The ACC has a control range of +30 ... –6 dB.
For SECAM decoding, the frequency of the burst is mea-
sured. Thus, the current chroma carrier frequency can
be identified and is used to control the SECAM proces-
sing. The burst measurements also control the color kill-
er operation; they can be used for automatic standard
detection as well.
2.3.6. Color Killer Operation
The color killer uses the burst-phase / burst-frequency
measurement to identify a PAL/NTSC or SECAM color
signal. For PAL/NTSC, the color is switched off (killed)
as long as the color subcarrier PLL is not locked. For SE-
CAM, the killer is controlled by the toggle of the burst fre-
quency. The burst amplitude measurement is used to
switch-off the color if the burst amplitude is below a pro-
grammable threshold. Thus, color will be killed for very
noisy signals. The color amplitude killer has a program-
mable hysteresis.
2.3.7. PAL Compensation / 1-H Comb Filter
The color decoder uses one fully integrated delay line.
Only active video is stored.
The delay line application depends on the color stan-
dard:
– NTSC:
1-H comb filter or color compensation
– PAL:
color compensation
– SECAM: crossover-switch
In the NTSC compensated mode, Fig. 2–7 c), the color
signal is averaged for two adjacent lines. Thus, cross-
color distortion and chroma noise is reduced. In the
NTSC combfilter mode, Fig. 2–7 d), the delay line is in
the composite signal path, thus allowing reduction of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com