công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3108B bảng dữ liệu(PDF) 64 Page - Micronas

tên linh kiện VDP3108B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B bảng dữ liệu(HTML) 64 Page - Micronas

Back Button VDP3108B Datasheet HTML 60Page - Micronas VDP3108B Datasheet HTML 61Page - Micronas VDP3108B Datasheet HTML 62Page - Micronas VDP3108B Datasheet HTML 63Page - Micronas VDP3108B Datasheet HTML 64Page - Micronas VDP3108B Datasheet HTML 65Page - Micronas VDP3108B Datasheet HTML 66Page - Micronas VDP3108B Datasheet HTML 67Page - Micronas VDP3108B Datasheet HTML 68Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
64
Micronas
4.6.4.20. Analog RGB Outputs, D/A Converters
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Internal RGB Signal D/A Converter Characteristics
Resolution
ROUT
GOUT
–
10
–
bit
IOUT
Full Scale Output Current
GOUT
BOUT
3.6
3.75
3.9
mA
Rref = 10 kΩ
IOUTHC
Half Contrast Output Current
1.74
1.87
2.0
mA
Rref = 10 kΩ,
IOUT = 3.75 mA
Differential Nonlinearity
0.5
LSB
Integral Nonlinearity
1
LSB
Glitch Pulse Charge
0.5
pAs
Ramp signal, 25
Ω output ter-
mination
tT
Rise and Fall Time
3
ns
10% to 90%, 90% to 10%
tRHC
Half Contrast Rise Time
50
75
ns
60% to 90% IOUT = 3.75mA
tFHC
Half Contrast Fall Time
25
40
ns
90% to 60% IOUT = 3.75mA
Intermodulation
–50
dB
2/2.5 MHz full scale
Signal to Noise
+50
dB
Signal: 1MHz full scale
Bandwidth: 10MHz
D
RGB
Matching R–G, R–B, G–B
–2
2
%
D
RGBHC
Half Contrast Matching
R–G, R–B, G–B
–5
5
%
R/B/G Crosstalk
one channel talks
two channels talk
–46
dB
Passive channel:
IOUT =1.88 mA
Crosstalk-Signal: 1.25 MHz,
375 mAPP
RGB Input Crosstalk from
external RGB
one channel talks
two channels talk
three channels talk
–50
–50
–50
dB
dB
dB
3.75 mAPP
Internal RGB Brightness D/A Converter Characteristics
Resolution
ROUT
GOUT
9
bits
IBR
Full Scale Output Current
relative
GOUT
BOUT
39.2
40
40.8
%
Ref to max. digital RGB
IBR
Full Scale Output Current
absolute
1.5
mA
IBR
differential nonlinearity
0.5
LSB
IBR
integral nonlinearity
1
LSB
IBR
Match R–G, R–B, G–B
–2
2
%
IBR
Match to digital RGB
R–R, G–G, B–B
–2
2
%
External RGB Voltage/Current Converter Characteristics
Resolution
ROUT
GOUT
9
bits
IEXOUT
Full Scale Output Current
relative
GOUT
BOUT
96
100
104
%
Ref. to max. Digital RGB
VIN = 0.7 VPP, contrast = 323
Full Scale Output Current
absolute
3.75
mA
Same as Digital RGB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com