công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3108B bảng dữ liệu(PDF) 55 Page - Micronas

tên linh kiện VDP3108B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B bảng dữ liệu(HTML) 55 Page - Micronas

Back Button VDP3108B Datasheet HTML 51Page - Micronas VDP3108B Datasheet HTML 52Page - Micronas VDP3108B Datasheet HTML 53Page - Micronas VDP3108B Datasheet HTML 54Page - Micronas VDP3108B Datasheet HTML 55Page - Micronas VDP3108B Datasheet HTML 56Page - Micronas VDP3108B Datasheet HTML 57Page - Micronas VDP3108B Datasheet HTML 58Page - Micronas VDP3108B Datasheet HTML 59Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
55
Micronas
Recommended Crystal Characteristics, continued
Symbol
Parameter
Min.
Typ.
Max.
Unit
Load Capacitance Recommendation
CLext
External Load Capacitance 1)
from pins to Ground
(pin names: Xtal1 Xtal2)
–
3.3
–
pF
DCO Characteristics 2)
CICLoadmin
Effective Load Capacitance @ min.
DCO-Position, Code 0,
3.6
4.3
5
pF
CICLoadrng
Effective Load Capacitance Range,
DCO Codes from 0..255
11.7
12.7
13.7
pF
1) Remarks on defining the External Load Capacitance:
External capacitors at each crystal pin to ground are required. They are necessary to tune the effective load capacitance of
the PCBs to the required load capacitance CL of the crystal. The higher the capacitors, the lower the clock frequency re-
sults. The nominal free running frequency should match fp MHz. Due to different layouts of customer PCBs the matching
capacitor size should be determined in the application. The suggested value is a figure based on experience with various
PCB layouts.
Tuning condition: Code DVCO Register = –720
Tuning condition: Code DVCO Register
720
2) Remarks on Pulling Range of DCO:
The pulling range of the DCO is a function of the used crystal and effective load capacitance of the IC (CICLoad +CLoadBoard).
The resulting frequency fL with an effective load capacitance of CLeff = CICLoad + CLoadBoard is
1 + 0.5 * [ C1 / (C0 + CLeff ) ]
fL = fP * –––––––––––––––––––––––
1 + 0.5 * [ C1 / (C0 + CL ) ]
4.6.4. Characteristics
at TA = 0 to 65 °C, VSUPD/F/O = 4.75 to 5.25 V, f = 20.25 MHz for min./max. values
at TC = 60 °C, VSUPD/F/O = 5 V, f = 20.25 MHz for typical values
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
IVSUPF
Current Consumption
VSUPF
–
38
–
mA
IVSUPD
Current Consumption
VSUPD
–
123
–
mA
IVSUPO
Current Consumption
VSUPO
–
64
–
mA
IVSTDBY
Current Consumption
VSTDBY
–
3.3
–
mA
PTOT
Total Power Dissipation
–
1145
1200
W
IL
Input / Output Leakage Current
All I/O Pins
–1
–
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com