| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-2 bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-2 bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 190 page ![]() Functional details BlueNRG-2 42/190 DocID030675 Rev 2 Source port width Destination port width Number of data items to transfer (NDT) Source content: address/data Transfer operations Destination content: address/data @0x2 / B2 3: READ B2[7:0] @0x2 then WRITE B0[7:0] @0x2 @0x2 / B2 @0x3 / B3 4: READ B3[7:0] @0x3 then WRITE B0[7:0] @0x3 @0x3 / B3 8 16 4 @0x0 / B0 1: READ B0[7:0] @0x0 then WRITE 00B0[15:0] @0x0 @0x0 / 00B0 @0x1 / B1 2: READ B1[7:0] @0x1 then WRITE 00B0[15:0] @0x2 @0x2 / 00B1 @0x2 / B2 3: READ B2[7:0] @0x2 then WRITE 00B0[15:0] @0x4 @0x4 / 00B2 @0x3 / B3 4: READ B3[7:0] @0x3 then WRITE 00B0[15:0] @0x6 @0x6 / 00B3 8 32 4 @0x0 / B0 1: READ B0[7:0] @0x0 then WRITE 000000B0[31:0] @0x0 @0x0 / 000000B0 @0x1 / B1 2: READ B1[7:0] @0x1 then WRITE 000000B0[31:0] @0x4 @0x4 / 000000B1 @0x2 / B2 3: READ B2[7:0] @0x2 then WRITE 000000B0[31:0] @0x8 @0x8 / 000000B2 @0x3 / B3 4: READ B3[7:0] @0x3 then WRITE 000000B0[31:0] @0xC @0xC / 000000B3 16 8 4 @0x0 / B1B0 1: READ B1B0[15:0] @0x0 then WRITE B0[7:0] @0x0 @0x0 / B0 @0x1 / B3B2 2: READ B3B2[15:0] @0x2 then WRITE B0[7:0] @0x1 @0x1 / B2 @0x2 / B5B4 3: READ B5B4[15:0] @0x4 then WRITE B0[7:0] @0x2 @0x2 / B4 @0x3 / B7B6 4: READ B7B6[15:0] @0x6 then WRITE B0[7:0] @0x3 @0x3 / B6 16 16 4 @0x0 / B1B0 1: READ B1B0[15:0] @0x0 then WRITE B1B0[15:0] @0x0 @0x0 / B1B0 |