| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC47M182 bảng dữ liệu(PDF) 13 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M182 bảng dữ liệu(HTML) 13 Page - SMSC Corporation |
|
13 / 223 page ![]() Advanced I/O Controller with Motherboard GLUE Logic Datasheet SMSC LPC47M182 13 Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05) DATASHEET The pin has an internal pull-down resistor that selects the non-SMSC mode. To select this mode, the pin should be left unconnected. This configuration clears the LD_NUM bit to ‘0’ and the associated functionality corresponds to the existing functionality in the part when the LD_NUM bit=0. Connecting this pin to VTR will select the SMSC mode of the logical device numbering. This configuration sets the LD_NUM bit to ‘1’ and the associated functionality corresponds to the existing functionality in the part when the LD_NUM bit=1. |