công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODASM2MONR bảng dữ liệu(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3220MODASM2MONR
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR bảng dữ liệu(HTML) 84 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 80Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 81Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 82Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 83Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 84Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 85Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 86Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 87Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
84
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Device and Documentation Support
Copyright © 2017, Texas Instruments Incorporated
9
Device and Documentation Support
TI offers and extensive line of development tools. Tools and software to evaluate the performance of the
device, generate code, and develop solutions are listed in this section.
9.1
Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES
NOT CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR
SERVICES OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR
SERVICES, EITHER ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
9.2
Development Tools and Software
For the most up to date list of Development Tools and Software, visit the CC3220MOD tools and software
page. Or, click on the Alert me button in the top-right corner of the page, to stay informed of updates
related to the CC3220MOD.
SimpleLink™ Wi-Fi® Starter Pro The SimpleLink™ Wi-Fi® Starter Pro mobile App is a new mobile
application for SimpleLink provisioning. It goes along with the embedded provisioning library
and example that runs on the device side. The new provisioning release is TI
recommendation for Wi-Fi provisioning using SimpleLink Wi-Fi products. It implements
advanced AP mode provisioning along with feedback and fallback options to ensure
successful process has been accomplished. Customers can use both embedded library and
the mobile library for integration to their end products.
SimpleLink™ CC3220 Wi-Fi® Software Development Kit (SDK)
The SimpleLink™ Wi-Fi® CC3220
SDK contains drivers for the CC3220 programmable MCU, 30+ sample applications, and
documentation needed to use the solution. It also contains the flash programmer, a
command line tool for flashing software, configuring network and software parameters (SSID,
access point channel, network profile, etc.), system files, and user files (certificates, web
pages, etc). This SDK can be used with TI’s SimpleLink Wi-Fi CC3220 LaunchPads.
SimpleLink™ Wi-Fi® Radio Testing Tool The SimpleLink™ Wi-Fi® Radio Testing Tool is a Windows-
based software tool for RF evaluation and testing of SimpleLink Wi-Fi CC3120 and CC3220
designs during development and certification. The tool enables low-level radio testing
capabilities by manually setting the radio into transmit or receive modes. Usage of the tool
requires familiarity and knowledge of radio circuit theory and radio test methods.
Uniflash Standalone Flash Tool for TI Microcontrollers (MCU), Sitara Processors and SimpleLink
Devices CCS Uniflash is a standalone tool used to program on-chip flash memory on TI
MCUs and on-board flash memory for Sitara processors. Uniflash has a GUI, command line,
and scripting interface. CCS Uniflash is available free of charge.
9.3
Firmware Updates
TI updates features in the service pack for this module with no published schedule. Due to the ongoing
changes, TI recommends users have the latest service pack in their module for production.
To stay informed, sign up for updates using the SDK Alert me button in the top-right corner of the product
page, or visit http://www.ti.com/cc3220sdk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com