công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODASM2MONR bảng dữ liệu(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3220MODASM2MONR
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 44Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 45Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 46Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 47Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 48Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 49Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 50Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 51Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
T2
T1
T3
T4
McACLKX
McAFSX
McAXR0/1
T5
T2
T1
T3
T4
McACLKX
McAFSX
McAXR0/1
T4
48
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
Timing parameter assumes a maximum load of 20 pF.
5.14.5.2 I2S
The McASP interface functions as a general-purpose audio serial port optimized for multichannel audio
applications and supports transfer of two stereo channels over two data pins. The McASP consists of
transmit and receive sections that operate synchronously and have programmable clock and frame-sync
polarity. A fractional divider is available for bit-clock generation.
5.14.5.2.1 I2S Transmit Mode
Figure 5-10 shows the timing diagram for the I2S transmit mode.
Figure 5-10. I2S Transmit Mode Timing Diagram
Table 5-6 lists the timing parameters for the I2S transmit mode.
Table 5-6. I2S Transmit Mode Timing Parameters
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
T1
fclk
(1)
Clock frequency
9.216
MHz
T2
tLP(1)
Clock low period
1/2 fclk
ns
T3
tHT
(1)
Clock high period
1/2 fclk
ns
T4
tOH
(1)
TX data hold time
22
ns
(1)
Timing parameter assumes a maximum load of 20 pF.
5.14.5.2.2 I2S Receive Mode
Figure 5-11 shows the timing diagram for the I2S receive mode.
Figure 5-11. I2S Receive Mode Timing Diagram
Table 5-7 lists the timing parameters for the I2S receive mode.
Table 5-7. I2S Receive Mode Timing Parameters
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
T1
fclk
(1)
Clock frequency
9.216
MHz
T2
tLP(1)
Clock low period
1/2 fclk
ns
T3
tHT
(1)
Clock high period
1/2 fclk
ns
T4
tOH
(1)
RX data hold time
0
ns
T5
tOS
(1)
RX data setup time
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com