công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODASM2MONR bảng dữ liệu(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3220MODASM2MONR
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR bảng dữ liệu(HTML) 69 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 65Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 66Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 67Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 68Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 69Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 70Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 71Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 72Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
69
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Detailed Description
Copyright © 2017, Texas Instruments Incorporated
6.10.2 Industry Canada (IC) Certification and Statement
The CC3220MODx and CC3220MODAx modules from TI are certified for IC as a single-modular
transmitter. The CC3220MODx and CC3220MODAx modules from TI meet IC modular approval and
labeling requirements. The IC follows the same testing and rules as the FCC regarding certified modules
in authorized equipment.
This device complies with Industry Canada licence-exempt RSS standards.
Operation is subject to the following two conditions:
•
This device may not cause interference.
•
This device must accept any interference, including interference that may cause undesired operation of
the device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts de
licence.
L'exploitation est autorisée aux deux conditions suivantes:
•
L'appareil ne doit pas produire de brouillage
•
L'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.
CAUTION
IC RF Radiation Exposure Statement:
To comply with IC RF exposure requirements, this device and its antenna must
not be colocated or operating in conjunction with any other antenna or
transmitter.
Pour se conformer aux exigences de conformité RF canadienne l'exposition,
cet appareil et son antenne ne doivent pas étre co-localisés ou fonctionnant en
conjonction avec une autre antenne ou transmetteur.
6.10.3 ETSI/CE Certification
The CC3220MODx and CC3220MODAx modules from TI are CE certified with certifications to the
appropriate EU radio and EMC directives summarized in the Declaration of Conformity and evidenced by
the CE mark. The modules are tested against the new Radio Equipment Directive (RE-D). See the full text
of
the
EU
Declaration
of
Conformity
for
the
CC3220MODSM2MOB,
CC3220MODSF12MOB,
CC3220MODASM2MON, and CC3220MODASF12MON devices.
6.10.4 MIC Certification
The CC3220MODx and CC3220MODAx modules from TI are MIC certified against article 49-20 and the
relevant articles of the Ordinance Regulating Radio Equipment.
Operation is subject to the following condition:
•
The host system does not contain a wireless wide area network (WWAN) device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com