công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODASM2MONR bảng dữ liệu(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3220MODASM2MONR
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR bảng dữ liệu(HTML) 61 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 57Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 58Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 59Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 60Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 61Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 62Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 63Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 64Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
CC3220S and CC3220SF
Network Processor + MCU
Network Processor
Wi-Fi
Internet
Peripherals
OEM
Application
Serial Flash
Data Files
OEM
Application
Network information
Radio
Baseband
MAC
HTTPS
TLS/SSL
TCP/IP
MCU
ARM Cortex-M4
256KB RAM /
1MB Flash (CC3220SF)
SPI and I2C
GPIO
UART
PWM
ADC
-
Copyright © 2017, Texas Instruments Incorporated
Internet
61
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Detailed Description
Copyright © 2017, Texas Instruments Incorporated
Code and Data Security:
•
Network passwords and certificates are encrypted and signed.
•
Cloning protection – Application and data files are encrypted by a unique key per device.
•
Access control – Access to application and data files only by using a token provided in file creation
time. If an unauthorized access is detected, a tamper protection lockdown mechanism takes effect.
•
Encrypted and Authenticated file system
•
Secured boot – Authentication of the application image on every boot
•
Code and data encryption – User application and data files are encrypted in sFlash.
•
Code and data authentication – User Application and data files are authenticated with a public key
certificate.
•
Offloaded crypto library for asymmetric keys, including the ability to create key-pair, sign and verify
data buffer
•
Recovery mechanism
Device Security:
•
Separate execution environments – Application processor and network processor run on separate
ARM cores
•
Initial secure programming – Allows for keeping the content confidential on the production line
•
Debug security
–
JTAG lock
–
Debug ports lock
•
True random number generator
Figure 6-1 shows the high-level structure of the CC3220S and CC3220SF devices that are contained
within the CC3220MODS and CC3220MODSF modules, respectively. The application image, user data,
and network information files (passwords, certificates) are encrypted using a device-specific key.
Figure 6-1. CC3220S and CC3220SF High-Level Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com