công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODASM2MONR bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3220MODASM2MONR
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 51Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 52Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 53Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 54Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 55Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 56Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 57Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 58Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
55
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
5.14.5.11 Timers
Programmable timers can be used to count or time external events that drive the timer input pins. The
general-purpose timer module (GPTM) of the CC3220MODx and CC3220MODAx contains 16- or 32-bit
GPTM blocks. Each 16- or 32-bit GPTM block provides two 16-bit timers or counters (referred to as Timer
A and Timer B) that can be configured to operate independently as timers or event counters, or they can
be concatenated to operate as one 32-bit timer. Timers can also be used to trigger µDMA transfers.
The GPTM contains four 16- or 32-bit GPTM blocks with the following functional options:
•
Operating modes:
–
16- or 32-bit programmable one-shot timer
–
16- or 32-bit programmable periodic timer
–
16-bit general-purpose timer with an 8-bit prescaler
–
16-bit input-edge count- or time-capture modes with an 8-bit prescaler
–
16-bit PWM mode with an 8-bit prescaler and software-programmable output inversion of the PWM
signal
•
Counts up or counts down
•
Sixteen 16- or 32-bit capture compare pins (CCP)
•
User-enabled stalling when the microcontroller asserts CPU Halt flag during debug
•
Ability to determine the elapsed time between the assertion of the timer interrupt and entry into the
interrupt service routine
•
Efficient transfers using micro direct memory access controller (µDMA):
–
Dedicated channel for each timer
–
Burst request generated on timer interrupt
•
Runs from system clock (80 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com