công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 147 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 147 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 143Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 144Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 145Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 146Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 147Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 148Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 149Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 150Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 151Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 440 page
background image
System Integration Module (SIM)
Low-Power Modes
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
147
Figure 9-16. Wait Recovery from Interrupt or Break
Figure 9-17. Wait Recovery from Internal Reset
9.6.2 Stop Mode
In stop mode, the SIM counter is reset and the system clocks are
disabled. An interrupt request from a module can cause an exit from stop
mode. Stacking for interrupts begins after the selected stop recovery
time has elapsed. Reset or break also causes an exit from stop mode.
The SIM disables the clock generator module output (CGMOUT) in stop
mode, stopping the CPU and peripherals. Stop recovery time is
selectable using the SSREC bit in the configuration register 1
(CONFIG1). If SSREC is set, stop recovery is reduced from the normal
delay of 4096 ICLK cycles down to 32. This is ideal for applications using
canned oscillators that do not require long start-up times from stop
mode.
NOTE:
External crystal applications should use the full stop recovery time by
clearing the SSREC bit.
$6E0C
$6E0B
$00FF
$00FE
$00FD
$00FC
$A6
$A6
$01
$0B
$6E
$A6
IAB
IDB
EXITSTOPWAIT
NOTE: EXITSTOPWAIT = RST pin OR CPU interrupt OR break interrupt
IAB
IDB
RST
$A6
$A6
$6E0B
RSTVCTH RSTVCTL
$A6
ICLK
32
CYCLES
32
CYCLES
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com