công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 127 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 127 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 123Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 124Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 125Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 126Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 127Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 128Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 129Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 130Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 131Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 440 page
background image
Clock Generator Module (CGM)
Acquisition/Lock Time Specifications
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
127
The most critical parameter which affects the reaction times of the PLL
is the reference frequency, fRDV. This frequency is the input to the phase
detector and controls how often the PLL makes corrections. For stability,
the corrections must be small compared to the desired frequency, so
several corrections are required to reduce the frequency error.
Therefore, the slower the reference the longer it takes to make these
corrections. This parameter is under user control via the choice of crystal
frequency fXCLK and the R value programmed in the reference divider.
(See 8.3.3 PLL Circuits, 8.3.6 Programming the PLL, and 8.5.5 PLL
Reference Divider Select Register.)
Another critical parameter is the external filter network. The PLL
modifies the voltage on the VCO by adding or subtracting charge from
capacitors in this network. Therefore, the rate at which the voltage
changes for a given frequency error (thus change in charge) is
proportional to the capacitance. The size of the capacitor also is related
to the stability of the PLL. If the capacitor is too small, the PLL cannot
make small enough adjustments to the voltage and the system cannot
lock. If the capacitor is too large, the PLL may not be able to adjust the
voltage in a reasonable time. (See 8.8.3 Choosing a Filter.)
Also important is the operating voltage potential applied to VDDA. The
power supply potential alters the characteristics of the PLL. A fixed value
is best. Variable supplies, such as batteries, are acceptable if they vary
within a known range at very slow speeds. Noise on the power supply is
not acceptable, because it causes small frequency errors which
continually change the acquisition time of the PLL.
Temperature and processing also can affect acquisition time because
the electrical characteristics of the PLL change. The part operates as
specified as long as these influences stay within the specified limits.
External factors, however, can cause drastic changes in the operation of
the PLL. These factors include noise injected into the PLL through the
filter capacitor, filter capacitor leakage, stray impedances on the circuit
board, and even humidity or circuit board contamination.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com