công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 113 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 113 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 109Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 110Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 111Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 112Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 113Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 114Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 115Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 116Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 117Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 440 page
background image
Clock Generator Module (CGM)
Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
113
8.3.7 Special Programming Exceptions
The programming method described in 8.3.6 Programming the PLL
does not account for three possible exceptions. A value of 0 for R, N, or
L is meaningless when used in the equations given. To account for these
exceptions:
•
A 0 value for R or N is interpreted exactly the same as a value of 1.
•
A 0 value for L disables the PLL and prevents its selection as the
source for the base clock.
(See 8.3.8 Base Clock Selector Circuit.)
8.3.8 Base Clock Selector Circuit
This circuit is used to select either the oscillator clock, CGMXCLK, or the
divided VCO clock, CGMPCLK, as the source of the base clock,
CGMOUT. The two input clocks go through a transition control circuit
that waits up to three CGMXCLK cycles and three CGMPCLK cycles to
change from one clock source to the other. During this time, CGMOUT
is held in stasis. The output of the transition control circuit is then divided
by two to correct the duty cycle. Therefore, the bus clock frequency,
which is one-half of the base clock frequency, is one-fourth the
frequency of the selected clock (CGMXCLK or CGMPCLK).
The BCS bit in the PLL control register (PCTL) selects which clock drives
CGMOUT. The divided VCO clock cannot be selected as the base clock
source if the PLL is not turned on. The PLL cannot be turned off if the
divided VCO clock is selected. The PLL cannot be turned on or off
simultaneously with the selection or deselection of the divided VCO
clock. The divided VCO clock also cannot be selected as the base clock
source if the factor L is programmed to a 0. This value would set up a
condition inconsistent with the operation of the PLL, so that the PLL
would be disabled and the oscillator clock would be forced as the source
of the base clock.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com