| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8232 bảng dữ liệu(PDF) 113 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8232 bảng dữ liệu(HTML) 113 Page - Cirrus Logic |
|
113 / 141 page ![]() WM8232 Rev 4.6 113 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R271 (010Fh) Polarity setting of T1 1 7 POL7_T1 1 logic level of T1 pulse at toggle point TP7 0 = low at TP7 1 = high at TP7 6 POL6_T1 1 logic level of T1 pulse at toggle point TP6 0 = low at TP6 1 = high at TP6 5 POL5_T1 1 logic level of T1 pulse at toggle point TP5 0 = low at TP5 1 = high at TP5 4 POL4_T1 1 logic level of T1 pulse at toggle point TP4 0 = low at TP4 1 = high at TP4 3 POL3_T1 1 logic level of T1 pulse at toggle point TP3 0 = low at TP3 1 = high at TP3 2 POL2_T1 1 logic level of T1 pulse at toggle point TP2 0 = low at TP2 1 = high at TP2 1 POL1_T1 1 logic level of T1 pulse at toggle point TP1 0 = low at TP1 1 = high at TP1 0 POL0_T1 1 logic level of T1 pulse at toggle point TP0 0 = low at TP0 1 = high at TP0 Register 010Fh Polarity setting of T1 1 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R272 (0110h) Polarity setting of T1 2 7 POL15_T1 1 logic level of T1 pulse at toggle point TP15 0 = low at TP15 1 = high at TP15 6 POL14_T1 1 logic level of T1 pulse at toggle point TP14 0 = low at TP14 1 = high at TP14 5 POL13_T1 1 logic level of T1 pulse at toggle point TP13 0 = low at TP13 1 = high at TP13 4 POL12_T1 1 logic level of T1 pulse at toggle point TP12 0 = low at TP12 1 = high at TP12 3 POL11_T1 1 logic level of T1 pulse at toggle point TP11 0 = low at TP11 1 = high at TP11 2 POL10_T1 1 logic level of T1 pulse at toggle point TP10 0 = low at TP10 1 = high at TP10 1 POL9_T1 1 logic level of T1 pulse at toggle point TP9 0 = low at TP9 1 = high at TP9 0 POL8_T1 1 logic level of T1 pulse at toggle point TP8 |