công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8232 bảng dữ liệu(PDF) 58 Page - Cirrus Logic

tên linh kiện WM8232
Giải thích chi tiết về linh kiện  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 bảng dữ liệu(HTML) 58 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 54Page - Cirrus Logic WM8232 Datasheet HTML 55Page - Cirrus Logic WM8232 Datasheet HTML 56Page - Cirrus Logic WM8232 Datasheet HTML 57Page - Cirrus Logic WM8232 Datasheet HTML 58Page - Cirrus Logic WM8232 Datasheet HTML 59Page - Cirrus Logic WM8232 Datasheet HTML 60Page - Cirrus Logic WM8232 Datasheet HTML 61Page - Cirrus Logic WM8232 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 141 page
background image
WM8232
58
Rev 4.6
TG PULSE CONFIGURATION
Figure 49 shows the procedure for TG Pulse Configuration. CLK2~CLK11 can be configured as pulse
type output. See
“Sensor Timing Generation” section for details of TG function.
TG enabled: This must be enabled when TG pulse function is used.
Toggle point configuration: Pulse toggle timing is configured by toggle point setting (TP0~TP31).
TP* register consists of toggle point setting bit (TP pixel counter value bit) and enable bit. The enable
bit must be set when TP is used. Unused TP can be disabled, but this must be followed Note-1 as
described below.
PO0~PO7 configuration: PO0~PO7 are internal pulse for CLK pulse output. Pulse toggle timing is
configured by polarity setting register (0x117~0x136 POL*_PO*).
CLK2~6 pulse out configuration: CLK2~CLK6 can select output signal type, clock type or pulse type
by SEL_CK* register bit. This register must be set when pulse output is required.
PO assignment: Internal PO* pulse will be assigned to CLK2~CLK11 pin with this register.
TG Pulse configuration
Line length
configuration
TG
enabled
0xA1,0xA2 LLENGTH
0xA0[0] TG_EN
TG mode
selection
Master mode
0xA0[1] TGMD=1
Slave mode
0xA0[1] TGMD=0
TG enabled
CLK pin
enabled
0xA5~0xA6 OE_CK*=1
TG signal output
enabled
0xA9~0xAA EN_CK*=1
TG output enabled
Toggle point
Configuration (*1)
0xCF~0x10E
TP*, GEN_TP0, EN_TP*
PO0~PO7
configuration
0x117~0x136 POL*_PO*
CLK2~6 pulse out
Configuration
0xAB~0xAD SEL_CK*=1
Pulse configuration
PO assignment
0xAB~0xAF SEL_PCK*
Figure 49 TG Pulse Configuration
Notes:
1.
When configure Toggle point (TP), it must be used from TP0 in ascending order. Also, TP pixel
counter value must be set as TP0<TP1<TP2 …..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com