công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8232 bảng dữ liệu(PDF) 48 Page - Cirrus Logic

tên linh kiện WM8232
Giải thích chi tiết về linh kiện  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 bảng dữ liệu(HTML) 48 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 44Page - Cirrus Logic WM8232 Datasheet HTML 45Page - Cirrus Logic WM8232 Datasheet HTML 46Page - Cirrus Logic WM8232 Datasheet HTML 47Page - Cirrus Logic WM8232 Datasheet HTML 48Page - Cirrus Logic WM8232 Datasheet HTML 49Page - Cirrus Logic WM8232 Datasheet HTML 50Page - Cirrus Logic WM8232 Datasheet HTML 51Page - Cirrus Logic WM8232 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 141 page
background image
WM8232
48
Rev 4.6
LINE-BY-LINE OPERATION
Certain linear sensors give colour output on a line-by-line basis. i.e. a full line of red pixels followed by
a line of green pixels followed by a line of blue pixels.
The WM8232 can accommodate this type of input by setting the LINEBYLINE register bit high. The
offset and gain values that are applied to every input channel can be selected, by internal
multiplexers, to come from IN1, IN2 or IN3 offset and gain registers. This allows the gain and offset
values for each of the input colours to be setup individually at the start of a scan.
When register bit ACYC=0 the gain and offset multiplexers are controlled via the INTM[1:0] register
bits. When INTM=00 the IN1 offset and gain control registers are used to control every input channel,
INTM=01 selects the IN2 offset and gain registers and INTM=10 selects the IN3 offset and gain
registers to control every input channel.
When register bit ACYC=1, ‘auto-cycling’ is enabled, and the input channel switches to the next offset
and gain registers in the sequence by TGSYNC. The sequence is IN1  IN2  IN3  IN1
… offset
and gain registers applied to every input channel.
AGAININ1,
DGAININ1,
DACIN1
0
AGAININ2,
DGAININ2,
DACIN2
AGAININ2,
DGAININ2,
DACIN2
TGSYNC
LINEBYLINE 0x23[0]
IN1
LINEBYLINE
INTM Mode
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
IN2
IN3
Normal Operation
Normal Operation
INTM 0x23[3:2]
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
INTM=00
INTM=01
INTM=10
Reserved
INTM=11
1
00
0
00
01
AGAININ3,
DGAININ3,
DACIN3
ACYC 0x23[1]
INTM Mode (depends on INTM register)
Auto Cycling mode (IN1 -> IN2 -> IN3)
ACYC=0
ACYC=1
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
Must be set to 0
01
11
Figure 33 Line-by-Line Operation (ACYC=0, INTM mode)
AGAININ3,
DGAININ3,
DACIN3
AGAININ2,
DGAININ2,
DACIN2
AGAININ1,
DGAININ1,
DACIN1
0
AGAININ3,
DGAININ3,
DACIN3
AGAININ1,
DGAININ1,
DACIN1
AGAININ2,
DGAININ2,
DACIN2
TGSYNC
LINEBYLINE 0x23[0]
IN1
LINEBYLINE
Auto Cycling Mode
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
AGAININ3,
DGAININ3,
DACIN3
AG1,
DG1,
DA1
AGAININ2,
DGAININ2,
DACIN2
AG1,
DG1,
DA1
IN2
IN3
Normal Operation
Normal Operation
ACYC 0x23[1]
INTM Mode (depends on INTM register)
Auto Cycling mode (IN1 -> IN2 -> IN3)
ACYC=0
ACYC=1
1
0
1
0
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
Figure 34 Line-by-Line Operation (ACYC=1, Auto-cycling mode)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
Cycle mode
control
3:2
INTM[1:0]
00
When LINEBYLINE=1,
controls the GAIN and DAC mux selector when ACYC=0
00 = IN1
01 = IN2
10 = IN3
11 = reserved
1
ACYC
0
when LINEBYLINE=1, determines the function of the MUX control
0 = decided by INTM register
1= auto-cycling enabled
0
LINEBYLINE
0
select line by line operation
0=normal operation
1=Line by Line operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com