công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  PC33702DWB/R2 Datasheet HTML 1Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 2Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 3Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 4Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 5Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
33702 Simplified Application Diagram
This document contains information on a product under development.
Motorola reserves the right to change or discontinue this product without notice.
© Motorola, Inc. 2003
Order this document from Analog Marketing: MC33702/D
Rev 0, 05/2003
33702
Preliminary Information
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC33702DWB/R2
-40 to 85°C
32 SOICW
3.0 A Switch-Mode Power Supply
with Linear Regulator
The 33702 provides the means to efficiently supply the Power QUICC™ I,
II, and other families of Motorola microprocessors and DSPs. The 33702
incorporates a high-performance switching regulator, providing the direct
supply for the microprocessor’s core, and a low dropout (LDO) linear regulator
control circuit providing the microprocessor I/O and bus voltage.
The switching regulator is a high-efficiency synchronous buck regulator with
integrated 50 m
Ω N-channel power MOSFETs to provide protection features
and to allow space-efficient, compact design.
The 33702 incorporates many advanced features; e.g., precisely
maintained up/down power sequencing, ensuring the proper operation and
protection of the CPU and power system.
Features
• Operating Voltage: 2.8 V to 6.0 V
• High-Accuracy Output Voltages
• Fast Transient Response
• Switcher Output Current Up to 3.0 A
• Undervoltage Lockout
• Power Sequencing
• Programmable Watchdog Timer
• Voltage Margining via I2C™ Bus
• Overcurrent Protection
• Reset with Programmable Power-ON Delay
• Enable Inputs
I2C is a trademark of Phillips Corporation.
POWER SUPPLY
INTEGRATED CIRCUIT
Othe r
Circuits
ADDR
LDRV
LDO
LFB
CS
RT
RES ET
VDDH (I/Os)
VDDL (Core)
SW
MPC85xx
PG ND
INV
EN1
MC3 3703
2.8 V to 1 3. 5 V In put
VIN2
VBST
VBD
CLKS YN
CLKS EL
FREQ
Optional
PORESET
0.8to5.0 V
0.8 t o 5. 0 V
(Adjustable)
(Adjustable)
VIN1
EN2
GND
BO OT
SDA
SCL
VOUT
VBS T
SR
33702
VIN2
VIN1
VBD
VBST
VOUT
VLDO =
VOUT =
MPC8XXX
2.8 V to 6.0 V
DWB SUFFIX
CASE 1324-02
32-LEAD SOICW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - PC33702DWB/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
PC33710EW FREESCALE-PC33710EW Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
PC33710EWR2 FREESCALE-PC33710EWR2 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
NXP Semiconductors
PC33772ASP1 NXP-PC33772ASP1 Datasheet
419Kb / 10P
Battery cell controller IC
Rev. 2.0, 8/2016
PC33772ASP3 NXP-PC33772ASP3 Datasheet
419Kb / 10P
Battery cell controller IC
Rev. 2.0, 8/2016
PC33772ASP5 NXP-PC33772ASP5 Datasheet
419Kb / 10P
Battery cell controller IC
Rev. 2.0, 8/2016
More results

Mô tả tương tự - PC33702DWB/R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
10A Switch-Mode Power Supply with LDO Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
3.0 A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
3.0A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com