công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 22 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 22 Page - Motorola, Inc

Back Button PC33702DWB/R2 Datasheet HTML 16Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 17Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 18Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 19Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 20Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 21Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 22Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 23Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 24Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
22
APPLICATION INFORMATION
Figure 20. Simplified Block Diagram and Typical Application
50 uF
Buck
Control
Logic
+
-
+
-
Thermal
Limit
Current
Limit
Error
Amp.
PWM
Comp.
UVLO
VBST
VDDI
SW
FREQ
Power
Down
Reset
Control
POR
Timer
SysCon
SysCon
INV
EN2
GND
0.8V
R
b
(2)
EN1
SoftSt
CLKSYN
Supply
Voltage
VOUT = 1.8V
VIN2
Buck
HS
&
LS
Driver
VBST
Vref
Vref
Power
Enable
8.0V
VBST
Boost
Control
VBD
10uF
VDDI
LDRV
Vref
LFB
CS
LDO
VLDO = 2.5V
@ 1.0A
+3.3V
RT
RESET
Reset
to MCU
VLDO
Supply
Voltage
+3.3V
VDDI
R
S
SDA
SCL
Ct
PGND
Reset
R
F
4.7 uH
10uH
VIN1
VIN
BOOT
CLKSEL
VOUT
VLDO
C
B
LCMP
VBST
L1
C
O
C
IN
Vref
VDDI
Q2
Q1
(2)
(2)
(4)
ADDR
I2C
Interface
Rt
I2C
Control
I2C
Control
C
LDO
5 x 2.2 uF
C
BST
D
B
Q
LDO
L
BST
0.1uF
VDDI
R
pd
10k
VDDI
Internal
Supply
VDDI
Bandgap
Voltage
Reference
Power
Sequencing
Voltage Margining
W-dog Timer
VBST
Slope
Comp.
VOUT
To Reset
Control
Pow.
Seq.
Switcher
Oscillator
300kHz
C
IN
VBST
Linear
Regulator
Control
I-lim
+3.3V
or
VOUT
100pF
1.5k
2 x 10 uF
10uF
6.8nF
?pF
?k
?k
?k
?
(Optional)
5.1k
100k
100nF
1.0 uF
0.068 R
@
Pow. Seq.
?k
?k
Q3
Q4
INV
LFB
50 uF
Buck
Control
Logic
Buck
Control
Logic
+
-
+
-
+
-
+
-
Thermal
Limit
Current
Limit
Error
Amp.
PWM
Comp.
UVLO
VBST
VDDI
SW
FREQ
Power
Down
Reset
Control
POR
Timer
SysCon
SysCon
INV
EN2
GND
0.8V
R
b
(2)
EN1
SoftSt
CLKSYN
Supply
Voltage
VOUT = 1.8V
VIN2
Buck
HS
&
LS
Driver
Buck
HS
&
LS
Driver
VBST
Vref
Vref
Power
Enable
8.0V
VBST
Boost
Control
Boost
Control
VBD
10uF
VDDI
LDRV
Vref
LFB
CS
LDO
VLDO = 2.5V
@ 1.0A
+3.3V
RT
RESET
Reset
to MCU
VLDO
Supply
Voltage
+3.3V
VDDI
R
S
SDA
SCL
Ct
PGND
Reset
R
F
4.7 uH
10uH
VIN1
VIN
BOOT
CLKSEL
VOUT
VLDO
C
B
LCMP
VBST
L1
C
O
C
IN
Vref
VDDI
Q2
Q1
(2)
(2)
(4)
ADDR
I2C
Interface
Rt
I2C
Control
I2C
Control
C
LDO
5 x 2.2 uF
C
BST
D
B
Q
LDO
L
BST
0.1uF
VDDI
R
pd
10k
VDDI
Internal
Supply
VDDI
Bandgap
Voltage
Reference
Power
Sequencing
Voltage Margining
W-dog Timer
VBST
Slope
Comp.
Slope
Comp.
VOUT
To Reset
Control
Pow.
Seq.
Switcher
Oscillator
300kHz
C
IN
VBST
Linear
Regulator
Control
I-lim
Linear
Regulator
Control
I-lim
+3.3V
or
VOUT
100pF
1.5k
2 x 10 uF
10uF
6.8nF
?pF
?k
?k
?k
?
(Optional)
5.1k
100k
100nF
1.0 uF
0.068 R
@
Pow. Seq.
?k
?k
Q3
Q4
INV
LFB
3.0 A
VIN1
VIN
VBST
VDDI
VDDI
VBST
VDDI
VDDI
VBST
VIN2
VOUT
VOUT
PWR Seq.
VBST
VDDI
VDDI
VBST
VLDO
VOUT
VDDI
VBD
VBST
PWR Seq.
4.7
µH
0.1
µF
5 x 2.2
µF
10
µH
10
µF
10
µF
VLDO
50
µF
+3.3 V
Supply
Voltage
+3.3 V
Supply
Voltage
VOUT = 1.8 V
@ 3.0 A
VLDO = 2.5 V
@ 1.0 A
VLDO
+3.3 V or
RESET
to MCU
2 x 10
µF
ILIM
Rt
Ct
I2C
I2C
Watchdog Timer
I2C
Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com