công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button PC33702DWB/R2 Datasheet HTML 3Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 4Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 5Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 9Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 10Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33702
7
ERROR AMPLIFIER (BUCK CONVERTER)
Input Impedance (Note 7)
RIN
–
500
–
k
Ω
Output Impedance (Note 7)
ROUT
–
150
–
Ω
DC Open Loop Gain (Note 7)
AVOL
–80–
dB
Gain Bandwidth Product (Note 7)
GBW
–
35
–
MHz
Slew Rate (Note 7)
SR
–
200
–
V/
µs
Output Voltage Swing – High Level
VIN1 > 3.3 V, IOEA = -1.0 mA (Note 7)
VEA_OH
–2.0–
V
Output Voltage Swing – Low Level
IOEA = -1.0 mA (Note 7)
VEA_OL
–0.4–
V
Slope Compensation Ramp (Note 7)
VSCRamp
–0.6–
V
OSCILLATOR
Oscillator Low Level Output Voltage (Pin CLKSYN), CLKSEL Open
VOSC_OL
––
0.4
V
Oscillator High Level Output Voltage (Pin CLKSYN), CLKSEL Open
VOSC_OH
3.0
–
–
V
Oscillator Input Voltage Threshold (Pin CLKSYN), CLKSEL Grounded
VOSC_IH
1.2
1.6
2.0
V
Oscillator Frequency Adjusting Reference Voltage (FREQ)
VFREQ
–1.29–
V
Oscillator Frequency Adjusting Resistor Range
RFREQ
100
–
200
k
Ω
BOOST REGULATOR
Boost Regulator Output Voltage
IBST = 20 mA, VIN1 = VIN2 = 2.8 V to 6.0 V
VBST
7.5
8.0
8.5
V
Boost Regulator Start-Up Voltage
VIN_BSU
–1.6
1.8
V
Boost Regulator Peak Current Limit (Power FET Peak Current)
IP_BD
0.75
1.0
1.5
A
Boost Regulator Power FET Valley Current Limit (Low Level)
IL_BD
450
600
800
mA
Boost Power FET RDS(ON)
IBD = 1.0 A, TA = 25°C
RDS(ON)
–
150
400
m
Ω
Boost Regulator Recommended Output Capacitor
CBST
–10–
µF
Boost Regulator Recommended Output Capacitor Maximum ESR
ESRCBST
–
100
–
m
Ω
Notes
7.
Design information only. It is not production tested.
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions -40°C ≤ TJ ≤ 125°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using the typical
application circuit (see Figure 20) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com