công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  PC33702DWB/R2 Datasheet HTML 1Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 2Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 3Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 4Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 5Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
23
VDDI
Power Supply
Internal supply voltage.
26
ADDR
Address
I2C address selection. This pin can be either left open, tied to VDDI, or grounded through
a 10 k
Ω resistor.
27
EN1
Enable 1
Enable 1 Input. The combination of the logic state of the Enable 1 and Enable 2 inputs
determine operation mode and type of power sequencing of the IC.
28
EN2
Enable 2
Enable 2 Input. The combination of the logic state of the Enable 1 and Enable 2 inputs
determine operation mode and type of power sequencing of the IC.
29
RT
Reset Timer
This pin allows programming the Power-ON Reset delay by means of an external RC
network.
30
RESET
Reset Overbar
The Reset Control circuit monitors both the switching regulator and the LDO feedback
voltages. It is an open drain output and has to be pulled up to some supply voltage (e.g.,
the output of the LDO) by an external resistor.
31
CLKSEL
Clock Selection
This pin sets the CLKSYN pin either as an oscillator output or synchronization input pin.
The CLKSEL pin is also used for the I2C address selection.
32
CLKSYN
Clock Synchronization
Oscillator output/synchronization input pin.
PIN FUNCTION DESCRIPTION (continued)
Pin
Pin Name
Formal Name
Definition
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com