công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button PC33702DWB/R2 Datasheet HTML 2Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 3Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 4Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 5Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 9Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions -40°C ≤ TJ ≤ 125°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using the typical
application circuit (see Figure 20) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Operating Voltage Range (VIN1, VIN2)
VIN
2.8
–
6.0
V
Start-Up Voltage Threshold (Boost Switching)
VST
–1.6
1.8
V
VBST Undervoltage Lockout
VBST_UVLO
–6.0–
V
Input DC Supply Current (Normal Operation Mode, Enabled)
IIN
–60–
mA
VIN1 Pin Input Supply Current (EN1 = EN2 = 0)
IIN1
–9.0–
mA
VIN2 Pin Input Leakage Current (EN1 = EN2 = 0)
IIN2
–TBD
–
µA
VDDI Internal Supply Voltage
VDDI
3.0
–
3.3
V
VDDI Maximum Output Current
IDDI
–TBD
–
µA
BUCK CONVERTER
Buck Converter Output Voltage Range
IVOUT = 30 mA to 3.0 A, VIN1 = VIN2 = 2.8 V to 6.0 V
VOUT
0.8
–
5.0
V
Buck Converter Feedback Voltage
IVOUT = 30 mA to 3.0 A, VIN1 = VIN2 = 2.8 V to 6.0 V. No RB Resistor.
Includes Load Regulation Error
VINV
0.784
0.8
0.816
V
Buck Converter Voltage Margining Step
VMVO
–1.0–
%
Buck Converter Line Regulation
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 3.0 A
REGLNVO
-1.0
–
1.0
%
Buck Converter Load Regulation
IVOUT = 30 mA to 3.0 A
REGLDVO
-1.0
–
1.0
%
VOUT Input Leakage Current
VOUT = 5.0 V
IVOUTLK
–TBD
–
µA
High-Side Power MOSFET Q1 RDS(ON)
ID = 1.0 A, TA = 25°C, VBST = 8.0 V
RDS(ON)
––
50
m
Ω
Low-Side Power MOSFET Q2 RDS(ON)
ID = 1.0 A, TA = 25°C, VBST = 8.0 V
RDS(ON)
––
50
m
Ω
Buck Converter Peak Current Limit (High Level)
IH_LIM
3.4
4.5
6.0
A
Buck Converter Valley Current Limit (Low Level)
IL_LIM
1.7
2.25
3.0
A
VOUT Pull-Down MOSFET Q3 Current Limit
TA = 25°C, VBST = 8.0 V
IQ3_LIM
–2.0–
A
VOUT Pull-Down MOSFET Q3 RDS(ON)
ID = 1.0 A, TA = 25°C, VBST = 8.0 V
RDS(ON)
––
1.0
Ω
Thermal Shutdown (Switcher, VOUT FET)
TSD
150
170
190
°C
Thermal Shutdown Hysteresis
TSDHys
–15–
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com