công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 10 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 10 Page - Motorola, Inc

Back Button PC33702DWB/R2 Datasheet HTML 6Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 7Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 8Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 9Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 10Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 11Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 12Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 13Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions -40°C ≤ TJ ≤ 125°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using the typical
application circuit (see Figure 20) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BUCK CONVERTER
Duty Cycle Range (Normal Operation)
D
0
–
90
%
Switching Node SW Rise Time (Note 9)
ILOAD = 3.0 A
tRISE
–
TBD
–
ns
Switching Node SW Fall Time (Note 9)
ILOAD = 3.0 A
tFALL
–
TBD
–
ns
Maximum Deadtime (Note 9)
tD
–TBD
–
ns
Buck Control Loop Propagation Delay (Note 9)
VINV < 0.8 V to VSW > 90% of High Level or VINV > 0.8 V to VSW < 10% of
Low Level
tPD
–50–
ns
Soft Start Duration (Power Sequencing Disabled, EN1 = 1, EN2 = 1)
tSS
200
350
800
µs
Fault Condition Timeout
tFAULT
–10–
ms
Retry Timer Cycle
tRet
–
100
–
ms
OSCILLATOR
Oscillator Default Frequency (Switching Frequency), FREQ Pin Open
fOSC
270
300
330
kHz
Oscillator Frequency Range
fOSC
200
400
kHz
Oscillator Frequency Accuracy
RF = 100 kΩ
fOSC
360
400
440
kHz
Oscillator Frequency Accuracy
RF = 200 kΩ
fOSC
180
200
220
kHz
Oscillator Output Signal Duty Cycle (Square Wave, 180° Out-of-Phase with the
Internal Suitable Oscillator)
DOSC
–50–
%
Synchronization Pulse Minimum Duration
tSYNC
300
–
–
ns
BOOST REGULATOR
Boost Regulator FET Maximum ON Time
tON
–24–
µs
Boost Regulator Control Loop Propagation Delay (Note 9)
tBST_PD
–50–
ns
Boost Switching Node VBD Rise Time (Note 9)
IBST = 20 mA
tB_RISE
–15
40
ns
Boost Switching Node VBD Fall Time (Note 9)
IBST = 20 mA
tB_FALL
–15
40
ns
Notes
9.
Design Information only. Not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com