công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33702DWB/R2 bảng dữ liệu(PDF) 14 Page - Motorola, Inc

tên linh kiện PC33702DWB/R2
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33702DWB/R2 bảng dữ liệu(HTML) 14 Page - Motorola, Inc

Back Button PC33702DWB/R2 Datasheet HTML 10Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 11Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 12Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 13Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 14Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 15Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 16Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 17Page - Motorola, Inc PC33702DWB/R2 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
14
the boost regulator output capacitor reaches its regulation limit,
the low-side switch is turned off until the output voltage falls
below the regulation limit again.
Oscillator
A 300 kHz (default) oscillator sets the switching frequency of
the buck regulator. The frequency of the oscillator can be
adjusted between 200 kHz and 400 kHz by an optional external
resistor RF connected from the FREQ pin of the integrated
circuit to ground. See Figure 4 for frequency resistor selection.
The CLKSYN pin can be configured either as an oscillator
output when the CLKSEL pin is left open or it can be used as a
synchronization input when the CLKSEL pin is grounded. The
oscillator output signal is a square wave logic signal with
50 percent duty cycle, 180 degrees out-of-phase with the
internal clock signal. This allows opposite phase
synchronization of two 3370x devices.
When the CLKSYN pin is used as synchronization input
(CLKSEL pin grounded), the external resistor RF chosen from
the chart in Figure 4 should be used to synchronize the internal
slope compensation ramp to the external clock. Operation is
only recommended between 200 kHz and 400 kHz. The
supplied synchronization signal does not need to be 50 percent
duty cycle. Minimum pulse width is 300 ns.
Low Dropout Linear Regulator (LDO)
The adjustable low dropout linear regulator (LDO) is capable
of supplying a 1.0 A output current. It has a current limit with
retry capability. When the voltage measured across the current
sense resistor reaches the 45 mV threshold, the control circuit
limits the current for 1.0 ms and if the overcurrent condition still
exists the linear regulator is turned off. At the same time the
overcurrent condition is detected, the Retry Timer starts to time
out. When the timer expires after 100 ms, the LDO tries to
power up again for 1.0 ms, repeatedly checking for the
overcurrent condition. The current limit of the LDO can be set
by using the following formula:
ILIM = 45 mV/RS
Where RS is the LDO current sense resistor, connected
between the CS pin and the LDO pin output (see Figure 20).
When no current sense resistor is used, it is still possible to
detect the overcurrent condition by tying the current sense pin
CS to the VBST voltage. In this case, the overcurrent condition
is sensed by saturation of the linear regulator driver buffer.
The output voltage of the LDO can be adjusted by means of
an external resistor divider connected to the feedback control
pin LFB. The linear regulator output voltage can be adjusted in
the range of 0.8 V to 5.0 V, but the LDO output voltage is always
lower than the input voltage to the regulator. Power-up, power-
down, and fault management are coordinated with the
switching regulator.
Thermal Shutdown
The LDO pull-down FET Q4 has an independent thermal
shutdown control. When the Q4 temperature exceeds the
thermal shutdown limit, the Q4 will be turned off without
affecting the LDO operation.
Voltage Margining
The 33702 includes a voltage margining feature accessed
through the I2C bus. Voltage margining allows for independent
adjustment of the Switcher VOUT voltage and the linear output
VLDO. Each can be adjusted up and down in 1% steps to a
range of ±7%. This feature allows for worst case system
validation; i.e., determining the design margin. Margining
details are described in the section entitled I2C Bus Operation,
beginning on page 19 of this datasheet.
RESET
The RESET pin is an open drain output. The Reset Control
circuit supervises both output voltages—the linear regulator
output VLDO and the switching regulator output VOUT. When
either of these two regulators is out of regulation (high or low),
the RESET pin is pulled low. There is a 20 µs delay filter
preventing erroneous resets. During power-up sequencing,
RESET
is held low until the Reset Timer times out.
Reset Timer Power-Up Delay (RT)
The Reset Timer Power-Up Delay (RT) pin is used to set the
delay between the time when the LDO and switcher outputs are
active and stable and the release of the RESET output. An
external resistor and capacitor are used to program the timer.
The power-up delay can be obtained by using the following
formula:
TD = 10 ms + RtCt
Where Rt is the Reset Timer programming resistor and Ct is the
Reset Timer programming capacitor, both connected in parallel
from RT to ground.
Note Observe the maximum Ct value and expect reduced
accuracy if Rt is less than 10 kΩ.
Watchdog Timer
A watchdog function is available via I2C bus communication.
It is possible to select either window watchdog or time-out
watchdog operation, as illustrated in Figure 9 on page 15.
Watchdog time-out starts when the watchdog function is
activated via I2C bus sending a Watchdog Programming
command byte, thus determining watchdog operation (window
or time-out) and period duration (refer to Table 1, page 15). If
the watchdog is cleared by receiving a new Watchdog
Programming command through the I2C bus, the watchdog
timer is reset and the new time-out period begins. If the
watchdog time expires, the RESET will become active (LOW)
for a time determined by the RC components of the RT timer
plus 10 ms. After a watchdog time-out, the function is no longer
active.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com