| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S105C4 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 121 page ![]() Interrupt vector mapping STM8S105x4/6 44/121 DocID14771 Rev 15 7 Interrupt vector mapping Table 10. Interrupt mapping IRQ no. Source block Description Wakeup from halt mode Wakeup from active-halt mode Vector address - RESET Reset Yes Yes 0x00 8000 - TRAP Software interrupt - - 0x00 8004 0TLI External top level interrupt - - 0x00 8008 1AWU Auto wake up from halt - Yes 0x00 800C 2 CLK Clock controller - - 0x00 8010 3 EXTI0 Port A external interrupts Yes(1) Yes(1) 0x00 8014 4 EXTI1 Port B external interrupts Yes Yes 0x00 8018 5 EXTI2 Port C external interrupts Yes Yes 0x00 801C 6 EXTI3 Port D external interrupts Yes Yes 0x00 8020 7 EXTI4 Port E external interrupts Yes Yes 0x00 8024 8 Reserved - - - 0x00 8028 9 Reserved - - - 0x00 802C 10 SPI End of transfer Yes Yes 0x00 8030 11 TIM1 TIM1 update/ overflow/ underflow/ trigger/ break - - 0x00 8034 12 TIM1 TIM1 capture/ compare - - 0x00 8038 13 TIM2 TIM2 update/ overflow - - 0x00 803C 14 TIM2 TIM2 capture/ compare - - 0x00 8040 15 TIM3 TIM3 update/ overflow - - 0x00 8044 16 TIM3 TIM3 capture/ compare - - 0x00 8048 17 Reserved - - - 0x00 804C 18 Reserved - - - 0x00 8050 19 I2C I2C interrupt Yes Yes 0x00 8054 |