công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S105C4 bảng dữ liệu(PDF) 85 Page - STMicroelectronics

tên linh kiện STM8S105C4
Giải thích chi tiết về linh kiện  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 bảng dữ liệu(HTML) 85 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 81Page - STMicroelectronics STM8S105C4 Datasheet HTML 82Page - STMicroelectronics STM8S105C4 Datasheet HTML 83Page - STMicroelectronics STM8S105C4 Datasheet HTML 84Page - STMicroelectronics STM8S105C4 Datasheet HTML 85Page - STMicroelectronics STM8S105C4 Datasheet HTML 86Page - STMicroelectronics STM8S105C4 Datasheet HTML 87Page - STMicroelectronics STM8S105C4 Datasheet HTML 88Page - STMicroelectronics STM8S105C4 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
DocID14771 Rev 15
85/121
STM8S105x4/6
Electrical characteristics
90
10.3.11
10-bit ADC characteristics
Subject to general operating conditions for VDDA, fMASTER, and TA unless otherwise
specified.
Table 44. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
VDD= 2.95 to 5.5 V
1
-
4
MHz
VDD= 4.5 to 5.5 V
1
-
6
VDDA
Analog supply
-
3.0
-
5.5
V
VREF+
Positive reference voltage
-
2.75(1)
1. Data guaranteed by design, not tested in production.
-VDDA
VREF-
Negative reference voltage
-
VSSA
-
0.5(1)
VAIN
Conversion voltage range(2)
2. During the sample time, the sampling capacitance, CAIN (3 pF max), can be charged/discharged by the
external source. The internal resistance of the analog source must allow the capacitance to reach its final
voltage level within tS. After the end of the sample time tS, changes of the analog input voltage have no
effect on the conversion result. Values for the sample clock tS depend on programming.
-
VSSA
-
VDDA
V
Devices with
external
VREF+/VREF-
VREF-
-
VREF+
CADC
Internal sample and hold
capacitor
--
3
-
pF
tS(2)
Minimum sampling time
fADC = 4 MHz
-
0.75
-
µs
fADC = 6 MHz
-
0.5
-
tSTAB
Wakeup time from standby
-
-
7.0
-
µs
tCONV
Minimum total conversion time
(including sampling time, 10-
bit resolution)
fADC = 4 MHz
3.5
µs
fADC = 6 MHz
2.33
µs
-14
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com