| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S105C4 bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4 bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 121 page ![]() DocID14771 Rev 15 91/121 STM8S105x4/6 Package information 107 11 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 11.1 LQFP48 package information Figure 47. LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package outline 1. Drawing is not to scale. |