công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S105C4 bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện STM8S105C4
Giải thích chi tiết về linh kiện  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 53Page - STMicroelectronics STM8S105C4 Datasheet HTML 54Page - STMicroelectronics STM8S105C4 Datasheet HTML 55Page - STMicroelectronics STM8S105C4 Datasheet HTML 56Page - STMicroelectronics STM8S105C4 Datasheet HTML 57Page - STMicroelectronics STM8S105C4 Datasheet HTML 58Page - STMicroelectronics STM8S105C4 Datasheet HTML 59Page - STMicroelectronics STM8S105C4 Datasheet HTML 60Page - STMicroelectronics STM8S105C4 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 121 page
background image
DocID14771 Rev 15
57/121
STM8S105x4/6
Electrical characteristics
90
10.3.1
VCAP external capacitor
The stabilization for the main regulator is achieved by connecting an external capacitor
CEXT to the VCAP pin. CEXT is specified in Table 18. Care should be taken to limit the series
inductance to less than 15 nH.
Figure 12. External capacitor CEXT
1. ESR is the equivalent series resistance and ESL is the equivalent inductance.
10.3.2
Supply current characteristics
The current consumption is measured as illustrated in Figure 10: Pin input voltage.
Total current consumption in run mode
Table 20. Total current consumption with code execution in run mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(RUN)
Supply
current in
Run mode,
code
executed
from RAM
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
3.2
-
mA
HSE user ext. clock
(16 MHz)
2.6
3.2
HSI RC osc. (16 MHz)
2.5
3.2
fCPU = fMASTER /128 = 125 kHz
HSE user ext. clock
(16 MHz)
1.6
2.2
HSI RC osc. (16 MHz)
1.3
2.0
fCPU = fMASTER /128 =
15.625 kHz
HSI RC osc. (16 MHz/8)
0.75
-
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.55
-
IDD(RUN)
Supply
current in
Run mode,
code
executed
from Flash
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
7.7
-
mA
HSE user ext. clock
(16 MHz)
7.0
8.0
HSI RC osc. (16 MHz)
7.0
8.0
fCPU = fMASTER = 2 MHz
HSI RC osc. (16 MHz/8)(2)
1.5
-
fCPU = fMASTER /128 = 125 kHz HSI RC osc. (16 MHz)
1.35
2.0
fCPU = fMASTER /128 =
15.625 kHz
HSI RC osc. (16 MHz/8)
0.75
-
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.6
-
1. Data based on characterization results, not tested in production.
2. Default clock configuration measured with all peripherals off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com