| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV2050A bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2050A bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 83 page ![]() 14/83 STV2050A - STRUCTURE OF THE PROGRAMMING SYSTEM Figure 7. Color Banks Note: Bits 22 and 23 of the “Red and I²C bank” may be used for general purposes. They are stored to- gether with the convergence data in the external EEPROM. 2.3 ADJUSTMENT DATA SETS The set of data stored at addresses D0 to E2 is called an ADS (Adjustment Data Set). The STV2050A can store up to three ADSs in one standard EEPROM. Refer to Section 6 "MASTER I²C BUS INTERFACE" on page 28. 24 bits 22 bits 22 bits Red and I²C Green Green Blue 00 CF D0 E2 Dynamic Correction Values for the Green Channel Dynamic Correction Values for the Blue Channel Dynamic Correction Values for the Red Channel Protected I²C Registers Non-protected I²C Registers E3 EF FE BANK: Ajustment Data Set |