công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962 bảng dữ liệu(PDF) 32 Page - Cypress Semiconductor

tên linh kiện MB90F962
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 bảng dữ liệu(HTML) 32 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 28Page - Cypress Semiconductor MB90F962 Datasheet HTML 29Page - Cypress Semiconductor MB90F962 Datasheet HTML 30Page - Cypress Semiconductor MB90F962 Datasheet HTML 31Page - Cypress Semiconductor MB90F962 Datasheet HTML 32Page - Cypress Semiconductor MB90F962 Datasheet HTML 33Page - Cypress Semiconductor MB90F962 Datasheet HTML 34Page - Cypress Semiconductor MB90F962 Datasheet HTML 35Page - Cypress Semiconductor MB90F962 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
MB90960 Series
DS07-13749-3E
31
(Continued)
(TA
= −40 °C to +125 °C*1, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
*1 : There is limited reliability if the product is used exceeding TA = +105
°C. Contact the sales or support
representative for this case.
*2 : The power supply current is measured with an external clock.
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*2
ICC
VCC
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At normal operation.
⎯
35
45
mA
MB90F962(S)
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At writing Flash memory.
⎯
50
60
mA
MB90F962(S)
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At erasing Flash memory.
⎯
50
60
mA
MB90F962(S)
ICCS
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At sleep mode.
⎯
12
20
mA
MB90F962(S)
ICTS
VCC
= 5.0 V,
Internal frequency : 2 MHz,
At main timer mode
⎯
0.3
0.8
mA
MB90F962(S)
ICTSPLL6
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At PLL timer mode,
External frequency
= 4 MHz
⎯
4
7
mA
MB90F962(S)
ICCL
VCC
= 5.0 V,
Internal frequency : 8 kHz,
At sub clock operation mode,
TA =
+ 25°C
⎯
40
100
μA MB90F962 (S)
ICCLS
VCC
= 5.0 V,
Internal frequency : 8 kHz,
At sub clock sleep mode,
TA =
+ 25°C
⎯
10
50
μA MB90F962 (S)
ICCT
VCC
= 5.0 V,
Internal frequency : 8 kHz,
At watch mode,
TA =
+ 25°C
⎯
830
μA MB90F962 (S)
ICCH
VCC
= 5.0 V,
At stop mode, TA
= + 25°C
⎯
525
μA MB90F962(S)
Input capacity
CIN
Other than
AVCC,
AVSS, AVR,
VCC, VSS, C
⎯⎯
515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com