công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962 bảng dữ liệu(PDF) 9 Page - Cypress Semiconductor

tên linh kiện MB90F962
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 bảng dữ liệu(HTML) 9 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 5Page - Cypress Semiconductor MB90F962 Datasheet HTML 6Page - Cypress Semiconductor MB90F962 Datasheet HTML 7Page - Cypress Semiconductor MB90F962 Datasheet HTML 8Page - Cypress Semiconductor MB90F962 Datasheet HTML 9Page - Cypress Semiconductor MB90F962 Datasheet HTML 10Page - Cypress Semiconductor MB90F962 Datasheet HTML 11Page - Cypress Semiconductor MB90F962 Datasheet HTML 12Page - Cypress Semiconductor MB90F962 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
MB90960 Series
8
DS07-13749-3E
(Continued)
Pin No.
Pin name
Circuit type
Function
LQFP-48P*
29 to 32
P27 to P24
G
General-purpose I/O ports.
The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
IN3 to IN0
Event input pins for input capture 0 to 3.
33, 34
P23, P22
G
General-purpose I/O ports.
The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
PPGF (E) ,
PPGD (C)
Output pins for PPG.
35, 36
P21, P20
G
General-purpose I/O ports.
The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
37
P85
K
General-purpose I/O port.
SIN1
Serial data input pin for LIN-UART1.
38
P87
F
General-purpose I/O port.
SCK1
Clock I/O pin for LIN-UART1.
39
P86
F
General-purpose I/O port.
SOT1
Serial data output pin for LIN-UART1.
40
P43
F
General-purpose I/O port.
41
P42
F
General-purpose I/O port.
INT9R
External interrupt request input pin for INT9R.
42
P83
F
General-purpose I/O port.
SOT0
Serial data output pin for LIN-UART0.
TOT2
Output pin for reload timer 2.
43
P84
F
General-purpose I/O port.
SCK0
Clock I/O pin for LIN-UART0.
INT15R
External interrupt request input pin for INT15R.
44
P82
K
General-purpose I/O port.
SIN0
Serial data input pin for LIN-UART0.
INT14R
External interrupt request input pin for INT14R.
TIN2
Event input pin for reload timer 2.
45
P44
F
General-purpose I/O port (I/O circuit type of P44 is different from
that of MB90V340E) .
FRCK0
Free-run timer 0 clock input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com