công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962 bảng dữ liệu(PDF) 23 Page - Cypress Semiconductor

tên linh kiện MB90F962
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 bảng dữ liệu(HTML) 23 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 19Page - Cypress Semiconductor MB90F962 Datasheet HTML 20Page - Cypress Semiconductor MB90F962 Datasheet HTML 21Page - Cypress Semiconductor MB90F962 Datasheet HTML 22Page - Cypress Semiconductor MB90F962 Datasheet HTML 23Page - Cypress Semiconductor MB90F962 Datasheet HTML 24Page - Cypress Semiconductor MB90F962 Datasheet HTML 25Page - Cypress Semiconductor MB90F962 Datasheet HTML 26Page - Cypress Semiconductor MB90F962 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
MB90960 Series
22
DS07-13749-3E
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
0000AAH Watch Timer Control Register
WTC
R, R/W
Watch Timer
1X001000B
0000ABH
to
0000ADH
Reserved
0000AEH Flash Control Status
FMCS
R, R/W
Flash Memory
000X0000B
0000AFH
Reserved
0000B0H Interrupt Control Register 00
ICR00
W, R/W
Interrupt Control
00000111B
0000B1H Interrupt Control Register 01
ICR01
W, R/W
00000111B
0000B2H Interrupt Control Register 02
ICR02
W, R/W
00000111B
0000B3H Interrupt Control Register 03
ICR03
W, R/W
00000111B
0000B4H Interrupt Control Register 04
ICR04
W, R/W
00000111B
0000B5H Interrupt Control Register 05
ICR05
W, R/W
00000111B
0000B6H Interrupt Control Register 06
ICR06
W, R/W
00000111B
0000B7H Interrupt Control Register 07
ICR07
W, R/W
00000111B
0000B8H Interrupt Control Register 08
ICR08
W, R/W
00000111B
0000B9H Interrupt Control Register 09
ICR09
W, R/W
00000111B
0000BAH Interrupt Control Register 10
ICR10
W, R/W
00000111B
0000BBH Interrupt Control Register 11
ICR11
W, R/W
00000111B
0000BCH Interrupt Control Register 12
ICR12
W, R/W
00000111B
0000BDH Interrupt Control Register 13
ICR13
W, R/W
00000111B
0000BEH Interrupt Control Register 14
ICR14
W, R/W
00000111B
0000BFH Interrupt Control Register 15
ICR15
W, R/W
00000111B
0000C0H
to
0000C9H
Reserved
0000CAH DTP/External Interrupt Enable 1
ENIR1
R/W
External Interrupt 1
00000000B
0000CBH DTP/External Interrupt Source 1
EIRR1
R/W
XXXXXXXXB
0000CCH Detection Level Setting 1
ELVR1
R/W
00000000B
0000CDH Detection Level Setting 1
ELVR1
R/W
00000000B
0000CEH External Interrupt factor Select
EISSR
R/W
00000000B
0000CFH PLL/Sub clock Control Register
PSCCR
W
PLL
XXXX0000B
0000D0H
to
0000FFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com