công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962 bảng dữ liệu(PDF) 5 Page - Cypress Semiconductor

tên linh kiện MB90F962
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 bảng dữ liệu(HTML) 5 Page - Cypress Semiconductor

  MB90F962 Datasheet HTML 1Page - Cypress Semiconductor MB90F962 Datasheet HTML 2Page - Cypress Semiconductor MB90F962 Datasheet HTML 3Page - Cypress Semiconductor MB90F962 Datasheet HTML 4Page - Cypress Semiconductor MB90F962 Datasheet HTML 5Page - Cypress Semiconductor MB90F962 Datasheet HTML 6Page - Cypress Semiconductor MB90F962 Datasheet HTML 7Page - Cypress Semiconductor MB90F962 Datasheet HTML 8Page - Cypress Semiconductor MB90F962 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
MB90960 Series
4
DS07-13749-3E
■ PRODUCT LINEUP
(Continued)
Part number
Parameter
MB90F962
MB90F962S
MB90V340E-101
MB90V340E-102
Type
Flash memory product
Evaluation product
CPU
F2MC-16LX CPU
System clock
PLL clock multiplier (
× 1, × 2, × 3, × 4, × 6, 1/2 when PLL stops)
Minimum instruction execution time : 41.7 ns (4 MHz oscillation clock, PLL
× 6)
Sub clock pin
(X0A, X1A)
Yes
No
Yes
Clock supervisor
No
ROM
Flash memory
64 Kbytes (60 Kbytes
+ 4 Kbytes Sectors)
External
RAM capacitance
3 Kbytes
30 Kbytes
Package
LQFP-48P
PGA-299C
Power supply for
emulator*1
⎯
Yes
Operating
voltage range
3.5 V to 5.5 V : at normal operation
(not using A/D converter and not doing
flash programming)
4.0 V to 5.5 V : at normal operation
5 V
± 10%
Operating
temperature range
− 40 °C to + 125°C *2
⎯
LIN-UART
2 channels
5 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
8/10-bit
A/D Converter
16 channels
24 channels
10-bit or 8-bit resolution
Conversion time: Min. 3
μs includes sample time (per one channel)
16-bit Reload Timer
2 channels
4 channels
Operation clock frequency: fsys/21, fsys/23, fsys/25 (fsys = Machine clock frequency)
Supports External Event Count function
16-bit Free-run Timer
1 channel
2 channels
Signals an interrupt when overflowing.
Operating clock frequency: fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys = Machine clock frequency)
16-bit Input Capture
4 channels
8 channels
Maintains 16-bit free-run timer value by pin input (rising edge, falling edge, or both
edge), and generates interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com