công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962 bảng dữ liệu(PDF) 16 Page - Cypress Semiconductor

tên linh kiện MB90F962
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962 bảng dữ liệu(HTML) 16 Page - Cypress Semiconductor

Back Button MB90F962 Datasheet HTML 12Page - Cypress Semiconductor MB90F962 Datasheet HTML 13Page - Cypress Semiconductor MB90F962 Datasheet HTML 14Page - Cypress Semiconductor MB90F962 Datasheet HTML 15Page - Cypress Semiconductor MB90F962 Datasheet HTML 16Page - Cypress Semiconductor MB90F962 Datasheet HTML 17Page - Cypress Semiconductor MB90F962 Datasheet HTML 18Page - Cypress Semiconductor MB90F962 Datasheet HTML 19Page - Cypress Semiconductor MB90F962 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
MB90960 Series
DS07-13749-3E
15
9.
Connection of unused pins of A/D converter if A/D converter is not used
Connect unused pins of A/D converter to AVCC
= VCC, AVSS = AVR = VSS.
10. Notes on energization
To prevent malfunction of the internal voltage regulator , supply voltage profile while turning on the power supply
should be slower than 50
μs (0.2 V to 2.7 V) .
11. Stabilization of power supply voltage
If the power supply voltage varies acutely even within the operation assurance range of the VCC power supply
voltage, a malfunction may occur. The VCC power supply voltage must therefore be stabilized. As stabilization
guide lines, stabilize the power supply voltage so that VCC ripple fluctuations (peak to peak value) in the
commercial frequencies (50 Hz/60 Hz) fall within 10
% of the standard VCC power supply voltage and the transient
fluctuation rate becomes 0.1 V/ms or less in instantaneous fluctuation for power supply switching.
12. Serial communication
There is a possibility to receive wrong data due to the noise or other causes on the serial communication.
Therefore, design a board so as to avoid noise.
Retransmit the data if an error occurs because of applying the checksum to the last data in consideration of
receiving wrong data due to the noise.
13. Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers,
turn on the power again.
14. Correspondence with
+105 °C or more
There is limited reliability if the product is used exceeding TA = +105
°C. Contact the sales or support
representative for this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com