| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/62P bảng dữ liệu(PDF) 36 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M16C/62P bảng dữ liệu(HTML) 36 Page - Mitsubishi Electric Semiconductor |
|
36 / 349 page ![]() Bus 35 Mitsubishi microcomputers M16C / 62P Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Under development Preliminary Specifications Rev.1.0 Specifications in this manual are tentative and subject to change. ______ Figure 1.7.2. Example of Address Bus and CSi Signal Output in 1 Mbyte Mode Example 1 BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi Access to the external area indicated by CSj Address Data CSj Data BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi Access to the internal ROM or internal RAM Address Data BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi Access to the same external area Address Data Data BCLK Read signal Data bus Address bus CSi Access to the external area indicated by CSi No access Address Data Address Address Shown above is the case where separate bus is selected and the area is accessed for read without wait states. i = 0 to 3, j = 0 to 3 (not including i, however) To access the external area indicated by CSj in the next cycle after accessing the external area indicated by CSi The address bus and the chip select signal both change state between these two cycles. Example 2 To access the internal ROM or internal RAM in the next cycle after accessing the external area indicated by CSi The chip select signal changes state but the address bus does not change state Example 4 Not to access any area (nor instruction prefetch generated) in the next cycle after accessing the external area indicated by CSi Neither the address bus nor the chip select signal changes state between these two cycles Example 3 To access the external area indicated by CSi in the next cycle after accessing the external area indicated by the same CSi The address bus changes state but the chip select signal does not change state Note : These examples show the address bus and chip select signal when accessing areas in two successive cycles. The chip select bus cycle may be extended more than two cycles depending on a combination of these examples. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |