công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/62P bảng dữ liệu(PDF) 31 Page - Mitsubishi Electric Semiconductor

tên linh kiện M16C/62P
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  349 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M16C/62P bảng dữ liệu(HTML) 31 Page - Mitsubishi Electric Semiconductor

Back Button M16C/62P Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M16C/62P Datasheet HTML 35Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 349 page
background image
30
Mitsubishi microcomputers
M16C / 62P Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Processor Mode
Under
development
Preliminary Specifications Rev.1.0
Specifications in this manual are tentative and subject to change.
Figure 1.6.1. PM0 Register
Processor mode register 0 (Note 1)
Symbol
Address
After reset (Note 4)
PM0
000416
000000002 (
CNVSS pin = “L”)
000000112 (
CNVSS pin = “H”)
Bit name
Function
Bit symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Must not be set
1 1: Microprocessor mode
b1 b0
PM03
PM01
PM00
Processor mode bit
(Note 4)
PM02
R/W mode select bit
0 : RD,BHE,WR
1 : RD,WRH,WRL
Software reset bit
Setting this bit to “1” resets the
microcomputer. When read, its content
is “0”.
PM04
0 0 : Multiplexed bus is unused
(Separate bus in the entire CS
space)
0 1 : Allocated to CS2 space
1 0 : Allocated to CS1 space
1 1 : Allocated to the entire CS space
(Note 3)
b5 b4
Multiplexed bus space
select bit
PM05
RW
RW
RW
RW
PM06
PM07
Port P40 to P43 function
select bit (Note 2)
0 : Address output
1 : Port function
(Address is not output)
BCLK output disable bit
0 : BCLK is output
1 : BCLK is not output
(Pin is left high-impedance)
Note 1: Write to this register after setting the PRC1 bit in the PRCR register to "1" (write enable).
Note 2: Effective when the PM01 to PM00 bits are set to “012” (memory expansion mode) or “112” (microprocessor
mode).
Note 3: To set the PM01 to PM00 bits are “012” and the PM05 to PM04 bits are “112” (multiplexed bus assigned to
the entire CS space), apply an “H” signal to the BYTE pin (external data bus is 8 bits wide). While the
CNVSS pin is held “H” (= VCC1), do not rewrite the PM05 to PM04 bits to “112” after reset.
If the PM05 to PM04 bits are set to “112” during memory expansion mode, P31 to P37 and P40 to P43
become I/O ports, in which case the accessible area for each CS is 256 bytes.
Note 4: The PM01 to PM00 bits do not change at software reset, watchdog timer reset and oscillation stop
detection reset.
RW
RW
RW
RW
(Note 2)
(Note 2)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com