| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML7396AB bảng dữ liệu(PDF) 114 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7396AB bảng dữ liệu(HTML) 114 Page - LAPIS Semiconductor Co., Ltd. |
|
114 / 140 page ![]() FEDL7396A/B/E-07 ML7396A/B/E 114/140 ●CCA operation during diversity If CCA is executed during diversity operation, there is a case CCA_DONE ([CCA_CNTRL:B0 0x15(2)]) is not notified and keep CCA operation. When executing CCA during diversity, set CCA-competion wait timer (case1), or once disabling diversity before CCA execution (case 2). Case 1: Set CCA completion wait timer START Set 2DIV_EN=0b1 [2DIV_CNTRL:B0 0x71(0)] Masking INT[09] [INT EN GRP2:B0 0x2B ] In IEEE standard, random buck off time is required to resume CCA. However, ML7396 family does not have rundum back off time generator. RX_ON issue [RF_STATUS:B0 0x6C] Set CCA_EN=0b1 [CCA_CNTRL:B0 0x15(4)] CCA completion (INT[08])? [INT_SOURCE_GRP2:B0 0x25] No Yes CCA start CCA-completion wait timer start No CCA-completion wait timer expiration? Yes Set CCA_EN=0b0 [CCA_CNTRL:B0 0x15(4)] Read CCA_RSLT[1:0] [CCA_CNTRL:B0 0x15(1-0)] Clear INT[08] [INT_SOURCE_GRP2:B0 0x25] Resume CCA? Yes No END |