công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML7396AB bảng dữ liệu(PDF) 116 Page - LAPIS Semiconductor Co., Ltd.

tên linh kiện ML7396AB
Giải thích chi tiết về linh kiện  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LAPIS [LAPIS Semiconductor Co., Ltd.]
Trang chủ  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB bảng dữ liệu(HTML) 116 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 116Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 117Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 118Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 119Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 120Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
116/140
●Error process
●CRC Error
Case 1: CRC error occurs due to bit error
If CRC error occurs due to bit error, no need to read out Rx data from FIFO. By issuing PHY reset by [RST_SET:B0 0x01]
register or FIFO clear by [INT_SOURCE_GRP1:B0 0x24] register, receiving status can be maintained.
For details of FIFO clear, please refer to “FIFO clear” in “Flow Charts”.
Case 2: Out-of-sync detection after SFD detection (During Length, Data, CRC field receiving)
If out-of-syn is detected after SFD detection, CRC error interrupt (INT[20]/[21] group3) will be notified. However RX
completion interrput (INT[18]/[19] group3) will not be generated. If this case occurs, read Rx data that amount is specified
Length field from FIFO and then clearing CRC error interrpt.
START
RX_ON issue
[RF_STATUS:B0 0x6C]
RX completion (INT[18]/[19])?
[INT_SOURCE_GRP3:B0 0x26]
Yes
CRC error notification
([INT[20]/[21]]
[INT_SOURCE_GRP2:B0 0x25]
CRC error notification
([INT[20]/[21]]
[INT_SOURCE_GRP2:B0 0x25]
Read RX data from FIFO
[RD_RX_FIFO:B0 0x7F]
Read all Rx data?
PHY reset issue
[RST_SET:B0 0x01]
or
Clear INT[20] or [21]
[INT_SOURCE_GRP3:B0 0x26]
No
Yes
Clear INT[20]/[21]
[INT_SOURCE_GRP3:B0 0x26]
From RX flowchart
Yes
No
Note:
Be sure to clear the correct FIFO bank.
When issuing PHY reset, both FIFOs
are cleard.
Next packet RX?
No
TRX_OFF issue
[RF_STATUS:B0 0x6C]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More