công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML7396AB bảng dữ liệu(PDF) 111 Page - LAPIS Semiconductor Co., Ltd.

tên linh kiện ML7396AB
Giải thích chi tiết về linh kiện  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LAPIS [LAPIS Semiconductor Co., Ltd.]
Trang chủ  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB bảng dữ liệu(HTML) 111 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 107Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 108Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 109Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 110Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 111Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 112Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 113Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 114Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 115Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
111/140
In the below condition, CCA (IDLE detection mode) will be executed automatically.
1.
When set 0b1 to ting CCA_AUTO_EN ([CCA_CNTRL:B0 0x15(7)]), CCA (IDLE detection mode) will be executed
after receiving Ack request packet.
●Internal operation is colored yellow
START
Set CCA_AUTO_EN=0b1
[CCA_CNTRL:B0 0x15(7)]
RX_ON issue
[RF_STATUS:B0 0x6C]
Receiving packet with
Ack request
* Please refer to the “AUTO_ACK function”.
Rx completion
No
Automatic execution
CCA (Idle detection mode)
execution
No
CCA completion (INT[08]) ?
[INT_SOURCE_GRP2:B0 0x25]
Yes
CCA result should be read to determine
CCA completion interrupt occues by
IDLE detection or CCA abort timer
completion.
CCA_RSLT[1:0]=0b00?
[CCA_CNTRL:B0 0x15(1-0)]
Yes: IDLE detection
Clear INT[08]
Clear INT[08]
[INT_SOURCE_GRP2:B0 0x25]
[INT_SOURCE_GRP2:B0 0x25]
Automatic
execution
TX_ON issue
END
Auto Ack ready interrupt
(INT[24]) generation
[INT_SOURCE_GRP4:B0 0x27]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More